Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 11Page - Texas Instruments ADS5400IPZP Datasheet HTML 12Page - Texas Instruments ADS5400IPZP Datasheet HTML 13Page - Texas Instruments ADS5400IPZP Datasheet HTML 14Page - Texas Instruments ADS5400IPZP Datasheet HTML 15Page - Texas Instruments ADS5400IPZP Datasheet HTML 16Page - Texas Instruments ADS5400IPZP Datasheet HTML 17Page - Texas Instruments ADS5400IPZP Datasheet HTML 18Page - Texas Instruments ADS5400IPZP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
ADS5400
www.ti.com
SLAS611B – OCT 2009 – REVISED MARCH 2010
Table 2. PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
AINP, AINN
94, 95
Analog differential input signal (positive, negative). Includes 100-
Ω differential load on-chip.
1, 76, 86, 90, 92,
AVDD5
Analog power supply (5 V)
97, 99
AVDD3
2, 7, 9, 85
Analog power supply (3.3 V)
DVDD3
24, 38, 50, 64
Output driver power supply (3.3 V)
3, 6, 8, 84, 88, 91,
AGND
Analog Ground
93, 96, 98, 100
DGND
25, 39, 51, 65
Digital Ground
CLKINP,
4, 5
Differential input clock (positive, negative). Includes 160-
Ω differential load on-chip.
CLKINN
DA0N, DA0P
46, 47
Bus A, LVDS digital output pair, least-significant bit (LSB) (P = positive output, N = negative output)
DA1N–DA10N, 48-49, 52-59, 62-63,
Bus A, LVDS digital output pairs (bits 1- 10)
DA1P-DA10P
66-73
DA11N,
74, 75
Bus A, LVDS digital output pair, most-significant bit (MSB)
DA11P
CLKOUTAN,
60, 61
Bus A, Clock Output (Data ready), LVDS output pair
CLKOUTAP
DB0N, DB0P
40, 41
Bus B, LVDS digital output pair, least-significant bit (LSB) (P = positive output, N = negative output)
DB1N–DB10N,
14-23, 28-37
Bus B, LVDS digital output pairs (bits 1- 10)
DB1P-DB10P
DB11N,
12, 13
Bus B, LVDS digital output pair, most-significant bit (MSB)
DB11P
CLKOUTBN,
26, 27
Bus B, Clock Output (Data ready), LVDS output pair
CLKOUTBP
OVRAN,
Bus A, Overrange indicator LVDS output. A logic high signals an analog input in excess of the
44, 45
OVRAP
full-scale range. Becomes SYNCOUTA when SYNC mode is enabled in register 0x05.
OVRBN,
Bus B, Overrange indicator LVDS output. A logic high signals an analog input in excess of the
42, 43
OVRBP
full-scale range. Becomes SYNCOUTB when SYNC mode is enabled in register 0x05.
Digital Reset Input, LVDS input pair. Inactive if logic low. When clocked in a high state, this is used
RESETN,
for resetting the polarity of CLKOUT signal pair(s). If SYNC mode is enabled in register 0x05, this
10, 11
RESETP
input also provides a SYNC time-stamp with the data sample present when RESET is clocked by
the ADC, as well as CLKOUT polarity reset. Includes 100-
Ω differential load on-chip.
SCLK
78
Serial interface clock.
Bi-directional serial interface data in 3-pin mode (default) for programming/reading internal registers.
SDIO
79
In 4-pin interface mode (reg 0x01), the SDIO pin is an input only.
Uni-directional serial interface data in 4-pin mode (reg 0x01) provides internal register settings. The
SDO
80
SDO pin is in high-impedance state in 3-pin interface mode (default).
Active low serial data enable, always an input. Use to enable the serial interface. Internal 100k
Ω
SDENB
77
pull-up resistor.
Reference voltage input (2V nominal). A 0.1mF capacitor to AGND is recommended, but not
VREF
87
required.
Enable single output bus mode (2-bus mode is default), active high. This pin is logic OR'd with addr
ENA1BUS
81(1)
0x02h bit<0>.
Enable Powerdown, active high. Places the converter into power-saving sleep mode when high. This
ENPWD
82(1)
pin is logic OR'd with addr 0x05h bit<6>.
Enable External Reference Mode, active high. Device uses an external voltage reference when high.
ENEXTREF
83(1)
This pin is logic OR'd with addr 0x05h bit<2>.
Analog input common mode voltage, Output (for DC-coupled applications, nominally 2.5V). A 0.1mF
VCM
89
capacitor to AGND is recommended, but not required.
(1)
This pin contains an internal ~40k
Ω pull-down resistor, to ground.
Copyright © 2009–2010, Texas Instruments Incorporated
15
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com