Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 17Page - Texas Instruments ADS5400IPZP Datasheet HTML 18Page - Texas Instruments ADS5400IPZP Datasheet HTML 19Page - Texas Instruments ADS5400IPZP Datasheet HTML 20Page - Texas Instruments ADS5400IPZP Datasheet HTML 21Page - Texas Instruments ADS5400IPZP Datasheet HTML 22Page - Texas Instruments ADS5400IPZP Datasheet HTML 23Page - Texas Instruments ADS5400IPZP Datasheet HTML 24Page - Texas Instruments ADS5400IPZP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
ADS5400
www.ti.com
SLAS611B – OCT 2009 – REVISED MARCH 2010
Table 10. Serial Register 0x04 (Read or Write)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x04
Analog Offset Control bits<7:0>
Defaults
factory set
BIT <7:0>
Analog Offset control continued (least significant bits of 9-bit
word)
All 9-bits in this adjustment in address 0x03 and 0x04 set to 0 0000
0000 = -30mV (TBD)
All 9-bits in this adjustment in address 0x03 and 0x04 set to 1 1111
1111 = +30mV (TBD)
Step adjustment resolution is 120uV (or 1/4 LSB). Adjustments can be
used for calibration of analog signal path offset (for instance offset
error induced outside of the ADC) or to match multiple ADC offsets.
The default setting for this register is factory set to provide ~0mV of
ADC offset in the output codes and is unique for each device.
Performance of the ADC is not specified across the entire offset
control range. Some performance degradation is expected as larger
offsets are programmed.
Table 11. Serial Register 0x05 (Read or Write)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Stagger
0x05
Temp Sensor
Powerdown
reserved
Sync Mode
Data Format
Reference
0
Output
Defaults
0
0
1
0
0
0
0
0
BIT <0>
RESERVED
0
set to 0 if writing this register
1
do not set to 1
BIT <1>
Stagger Output Bus
0
Output bus A and B aligned
1
Output bus A and B staggered (see timing diagrams)
BIT <2>
Enable External Reference
0
Enable internal reference
1
Enable external reference
BIT <3>
Set Data Output Format
0
Enable offset binary
1
Enable two's complement
BIT <4>
Set Sync Mode
0
Disable data synchronization mode
1
Enable data synchronization mode
When enabled, the OVR pin(s) are replaced with SYNC output
signal(s). The SYNC output signal is time-aligned with the output data
matching the corresponding input sample and RESET input pulse
BIT <5>
RESERVED
Copyright © 2009–2010, Texas Instruments Incorporated
21
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com