Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5970RHPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC5970RHPR
Description  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5970RHPR Datasheet(HTML) 1 Page - Texas Instruments

  TLC5970RHPR Datasheet HTML 1Page - Texas Instruments TLC5970RHPR Datasheet HTML 2Page - Texas Instruments TLC5970RHPR Datasheet HTML 3Page - Texas Instruments TLC5970RHPR Datasheet HTML 4Page - Texas Instruments TLC5970RHPR Datasheet HTML 5Page - Texas Instruments TLC5970RHPR Datasheet HTML 6Page - Texas Instruments TLC5970RHPR Datasheet HTML 7Page - Texas Instruments TLC5970RHPR Datasheet HTML 8Page - Texas Instruments TLC5970RHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
GND
SWOFF
VREG
VREGIF
IREF2
IREF1
IREF0
VROM
SDTA
SDTB
SCKA
SCKB
VCC
PH
BOOT
FB
OUT2
OUT1
OUT0
SDTY
SDTZ
SCKY
SCKZ
TLC5970
0.01 F
m
0.01 F
m
0.1 F
m
Open
GND
SWOFF
VREG
VREGIF
IREF2
IREF1
IREF0
VROM
SDTA
SDTB
SCKA
SCKB
VCC
PH
BOOT
FB
OUT2
OUT1
OUT0
SDTY
SDTZ
SCKY
SCKZ
TLC5970
0.01 F
m
0.01 F
m
0.1 F
m
Open
VCC
GND
Power
Supply
SDTY
SDTZ
SDKY
SDKZ
Controller
TLC5970
www.ti.com
SBVS140 – MARCH 2010
3-Channel, 12-Bit, PWM LED Driver with
Buck DC/DC Converter and Differential Signal Interface
Check for Samples: TLC5970
1
FEATURES
APPLICATIONS
•
Full-Color Static LED Displays for Building
23
•
3-Channel, Constant-Current Sink Output
Wall
•
Current Capability: 150 mA per channel
•
Long Distance and Large Area Illumination
•
Grayscale (GS) Control with PWM:
12-bit (4096 steps)
DESCRIPTION
•
Dot Correction (DC): 7-bit (128 steps)
The TLC5970 is a three-channel, constant-current
•
Global Brightness Control (BC):
sink driver with a buck dc/dc converter and a
7-bit (128 steps)
differential
signal
interface.
Each
channel
has
•
EEPROM for Dot Correction Storage
individually adjustable currents with 4096 PWM
grayscale (GS) steps and 128 constant-current sink
•
Input Voltage: Up to 36 V
steps for dot correction (DC). The dot correction
•
LED Supply Voltage: Up to 17 V with Auto LED
adjusts the brightness variations between LEDs. The
Anode Voltage Control
DC data can be stored in the internal EEPROM. Also,
•
Constant-Current Accuracy:
current through all three channels can be controlled
by global brightness control (BC) data with 128 steps.
–
Channel-to-Channel = ±0.5% (typ)
GS control, DC, and BC are accessible via a
–
Device-to-Device = ±3% (typ)
differential signal interface. The maximum current
•
Data Transfer Rate: 20 MHz
value for each channel is set by a single external
resistor.
The
TLC5970
contains
a
dc/dc
buck
•
Differential Signal Interface for Long Distance
converter. The dc/dc converter improves system
Cascading
efficiency, reduces system level currents, and allows
•
Unlimited Device Cascading
thinner gauge wiring by optimizing the LED anode
•
Auto Display Repeat/Auto Data Refresh
voltage to keep the LED cathode voltage to 1 V. The
TLC5970 proivdes overtemperature protection by
•
Internal/External Selectable GS Clock
turning all output drivers off when the IC temperature
•
Thermal Shutdown (TSD)
is too high (exceeds +138°C).
•
Packages: HTSSOP-32 and QFN-28
Typical Application Circuit Example
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2010, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5970RHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971 TI-TLC5971 Datasheet
823Kb / 37P
12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5971 TI2-TLC5971 Datasheet
3Mb / 47P
TLC5971 12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver With 3.3-V Linear Regulator
REVISED DECEMBER 2015
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC59711PWP TI1-TLC59711PWP Datasheet
963Kb / 36P
12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC59711PWPR TI1-TLC59711PWPR Datasheet
963Kb / 36P
12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
More results

Similar Description - TLC5970RHPR

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
Rev 4
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com