Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5970RHPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5970RHPR
Description  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5970RHPR Datasheet(HTML) 2 Page - Texas Instruments

  TLC5970RHPR Datasheet HTML 1Page - Texas Instruments TLC5970RHPR Datasheet HTML 2Page - Texas Instruments TLC5970RHPR Datasheet HTML 3Page - Texas Instruments TLC5970RHPR Datasheet HTML 4Page - Texas Instruments TLC5970RHPR Datasheet HTML 5Page - Texas Instruments TLC5970RHPR Datasheet HTML 6Page - Texas Instruments TLC5970RHPR Datasheet HTML 7Page - Texas Instruments TLC5970RHPR Datasheet HTML 8Page - Texas Instruments TLC5970RHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
TLC5970
SBVS140 – MARCH 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
ORDERING NUMBER
QUANTITY
TLC5970DAPR
Tape and Reel, 2000
HTSSOP-32 PowerPAD™(2)
TLC5970DAP
Tube, 46
TLC5970
TLC5970RHPR
Tape and Reel, 3000
QFN-28 6.0 mm × 6.0 mm
TLC5970RHPT
Tape and Reel, 250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Product preview device.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
MIN
MAX
Supply voltage
VCC
–0.3
+40
V
BOOT
–0.3
+50
V
BOOT-PH difference
–0.3
+10
V
FB
–0.3
+18
V
Input voltage
IREF0 to IREF2, SWOFF
–0.3
VREG + 0.3
V
SDTA, SDTB, SCKA, SCKB
–10
+15
V
VROM
–0.3
+21
V
PH (steady-state)
–0.6
+40
V
PH (transient < 10 ns)
–1.2
V
Output voltage
OUT0 to OUT2
–0.3
+18
V
SDTY, SDTZ, SCKY, SCKZ
–10
+15
V
VREG, VREGIF
–0.3
+6
V
PH (dc)
–800
mA
PH (peak)
–2
A
Output current
OUT0 to OUT2
+180
mA
SDTY, SDTZ, SCKY, SCKZ
–35
+35
mA
Human body model (HBM) SDTA, SDTB, SCKA, SCKB,
4
kV
SDTY, SDTZ, SCKY, SCKZ
Human body model (HBM) Other pins
2
kV
Electrostatic discharge rating
Charged device model (CDM) SDTA, SDTB, SCKA, SCKB,
1000
V
SDTY, SDTZ, SCKY, SCKZ
Charged device model (CDM) Other pins
500
V
Operation junction temperature
TJ (max)
+150
°C
Storage temperature
Tstg
–55
+150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com