Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5970RHPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC5970RHPR
Description  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5970RHPR Datasheet(HTML) 3 Page - Texas Instruments

  TLC5970RHPR Datasheet HTML 1Page - Texas Instruments TLC5970RHPR Datasheet HTML 2Page - Texas Instruments TLC5970RHPR Datasheet HTML 3Page - Texas Instruments TLC5970RHPR Datasheet HTML 4Page - Texas Instruments TLC5970RHPR Datasheet HTML 5Page - Texas Instruments TLC5970RHPR Datasheet HTML 6Page - Texas Instruments TLC5970RHPR Datasheet HTML 7Page - Texas Instruments TLC5970RHPR Datasheet HTML 8Page - Texas Instruments TLC5970RHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
TLC5970
www.ti.com
SBVS140 – MARCH 2010
THERMAL INFORMATION
TLC5970
THERMAL METRIC(1)
RHP
UNITS
28
qJA
Junction-to-ambient thermal resistance(2)
26.7
qJC(top)
Junction-to-case(top) thermal resistance (3)
11.7
qJB
Junction-to-board thermal resistance (4)
5.3
°C/W
yJT
Junction-to-top characterization parameter (5)
0.4
yJB
Junction-to-board characterization parameter (6)
5.2
qJC(bottom)
Junction-to-case(bottom) thermal resistance (7)
1.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case(top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-standard
test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter, yJB estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case(bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
DISSIPATION RATINGS
DERATING FACTOR
POWER RATING
POWER RATING
POWER RATING
PACKAGE
ABOVE TA = +25°C
TA < +25°C
TA = +70°C
TA = +85°C
HTSSOP-32
42.5 mW/°C
5318 mW
3403 mW
2765 mW
with PowerPAD soldered(1)(2)
HTSSOP-32
22.5 mW/°C
2820 mW
1805 mW
1466 mW
with PowerPAD unsoldered(2)(3)
QFN-28
33.2 mW/°C
4149 mW
2655 mW
2157 mW
bottom side heat sink soldered(4)
(1)
With PowerPAD soldered onto copper area on printed circuit board (PCB); 2-oz. copper. For more information, see application report
SLMA002, PowerPAD Thermally-Enhanced Package (available for download at www.ti.com).
(2)
Product preview device.
(3)
With PowerPAD not soldered onto copper area on PCB.
(4)
The package thermal impedance is calculated in accordance with JESD51-5.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com