Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3472F Datasheet(PDF) 2 Page - Rohm

Part # BA3472F
Description  Operational Amplifiers: High Speed
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472F Datasheet(HTML) 2 Page - Rohm

  BA3472F Datasheet HTML 1Page - Rohm BA3472F Datasheet HTML 2Page - Rohm BA3472F Datasheet HTML 3Page - Rohm BA3472F Datasheet HTML 4Page - Rohm BA3472F Datasheet HTML 5Page - Rohm BA3472F Datasheet HTML 6Page - Rohm BA3472F Datasheet HTML 7Page - Rohm BA3472F Datasheet HTML 8Page - Rohm BA3472F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BA3472F,BA3472FV,BA3472FVM
Technical Note
2/9
www.rohm.com
2009.11 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Absolute Maximum Ratings (Ta=25[℃])
Parameter
Symbol
Rating
Unit
BA3472F,BA3472FV,BA3472FVM
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*1)
Vid
+36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3)~ VCC
V
Operating Temperature Range
Topr
-40~+85
℃
Storage Temperature Range
Tstg
-55~+150
℃
Maximum Junction Temperature
Tjmax
+150
℃
Note absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●Electric Characteristics
Unless otherwise specified(VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Guaranteed limit
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
(*2)
Vio
25℃
-
1
10
mV
Vicm=0[V],VOUT=0[V]
-
1.5
10
VCC=5[V],VEE=0[V],
Vicm=0[V],VOUT=VCC/2
Input Offset Current
(*2)
Iio
25℃
-
6
75
nA
Vicm=0[V],VOUT=0[V]
Input Bias Current
(*2)
Ib
25℃
-
100
500
nA
Vicm=0[V],VOUT=0[V]
Supply Current
ICC
25℃
-
4
5.5
mA
RL=
∞
High Level Output Voltage
VOH
25℃
3.7
4
-
V
VCC=5[V],RL=2[k
Ω]
13.7
14
-
RL=10[k
Ω]
13.5
-
-
RL=2[k
Ω]
Low Level Output Voltage
VOL
25℃
-
0.1
0.3
V
VCC=5[V],RL=2[k
Ω]
-
-14.7
-14.3
RL=10[k
Ω]
-
-
-13.5
RL=2[k
Ω]
Large Single Voltage Gain
AV
25℃
80
100
-
dB
RL≧2[k
Ω],VOUT=±10 [V]
Input Common-mode Voltage Range
Vicm
25℃
0
-
VCC-2.0
V
VCC=5[V],VEE=0[V],
VOUT=VCC/2
Common-mode Rejection Ratio
CMRR
25℃
60
97
-
dB
Vicm=0[V],VOUT=0[V]
Power Supply Rejection Ratio
PSRR
25℃
60
97
-
dB
Vicm=0[V],VOUT=0[V]
Output Source Current
(*3)
IOH
25℃
10
30
-
mA
VIN+=1[V],VIN-=0[V],
VOUT=0[V],
Only 1ch is short circuit
Output Sink Current
(*3)
IOL
25℃
20
30
-
mA
VIN+=0[V],VIN-=1[V],
VOUT=5[V],
Only 1ch is short circuit
Unity Gain Frequency
ft
25℃
-
4
-
MHz
Slew Rate
SR
25℃
-
10
-
V/
μs
Av=1,Vin=-10 to
+10[V],RL=2[k
Ω]
Channel Separation
CS
25℃
-
120
-
dB
(*2)
Absolute value
(*3)
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com