Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3472F Datasheet(PDF) 1 Page - Rohm

Part # BA3472F
Description  Operational Amplifiers: High Speed
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472F Datasheet(HTML) 1 Page - Rohm

  BA3472F Datasheet HTML 1Page - Rohm BA3472F Datasheet HTML 2Page - Rohm BA3472F Datasheet HTML 3Page - Rohm BA3472F Datasheet HTML 4Page - Rohm BA3472F Datasheet HTML 5Page - Rohm BA3472F Datasheet HTML 6Page - Rohm BA3472F Datasheet HTML 7Page - Rohm BA3472F Datasheet HTML 8Page - Rohm BA3472F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2009.11 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Dual
BA3472F,BA3472FV,BA3472FVM
General-purpose
MSOP8
BA3472FVM
SOP8
BA3472F
SSOP-B8
BA3472FV
8
7
6
5
1
2
3
4
+
+ -
-
CH1
CH2
OUT1
OUT2
-IN2
+IN2
+IN1
-IN1
VEE
VCC
ROHM’s Selection Operational Amplifier/Comparator Series
Operational Amplifiers:
High Speed
BA3472F,BA3472FV,BA3472FVM
●Description
General-purpose BA3472 family integrate two Independent Op-amps and phase compensation capacitors on a single chip and have
some features of high-gain, low power consumption, and wide operating voltage range of +3[V]~+36[V](single power supply).
Especially, characteristics are high slew rate and high unity gain frequency.
●Characteristics
1) Operable with a single power supply
2) Wide operating supply voltage
+3.0[V]~+36.0[V](single supply)
±1.5[V]~±18.0[V](split supply)
3) Standard Op-Amp. Pin-assignments
4) Internal phase compensation
5) High slew rate:10[V/µs]
6) Unity gain frequency:4[MHz]
7) High open loop voltage gain
8) Internal ESD protection
Human body model (HBM) ±5000[V](Typ.)
9) Operable low input voltage around GND level
10) Wide output voltage range
VEE+0.3[V]~VCC-1.0[V](Typ.) with VCC-VEE=30[V]
●Pin Assignment
SSOP-B14
VQFN16
No.09049EBT01


Similar Part No. - BA3472F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3472F ROHM-BA3472F Datasheet
571Kb / 21P
High Speed with High Voltage Operational Amplifiers
BA3472F ROHM-BA3472F Datasheet
615Kb / 41P
High Speed with High Voltage Operational Amplifiers
BA3472F ROHM-BA3472F Datasheet
1Mb / 40P
High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
615Kb / 41P
High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
694Kb / 32P
High Speed with High Voltage Operational Amplifiers
More results

Similar Description - BA3472F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Oct-1997
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132 BURR-BROWN-OPA2132 Datasheet
521Kb / 13P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Apr-2006
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
Automotive High Speed Operational Amplifiers
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
Precision High-Speed Difet Operational Amplifiers
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
High-Speed FET-Input Operational Amplifiers
logo
Rohm
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com