Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3472F Datasheet(PDF) 5 Page - Rohm

Part # BA3472F
Description  Operational Amplifiers: High Speed
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472F Datasheet(HTML) 5 Page - Rohm

  BA3472F Datasheet HTML 1Page - Rohm BA3472F Datasheet HTML 2Page - Rohm BA3472F Datasheet HTML 3Page - Rohm BA3472F Datasheet HTML 4Page - Rohm BA3472F Datasheet HTML 5Page - Rohm BA3472F Datasheet HTML 6Page - Rohm BA3472F Datasheet HTML 7Page - Rohm BA3472F Datasheet HTML 8Page - Rohm BA3472F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BA3472F,BA3472FV,BA3472FVM
Technical Note
5/9
www.rohm.com
2009.11 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Schematic diagram
●Test circuit1 NULL method
VCC,VEE,EK,Vicm Unit : [V]
Parameter
VF
S1
S2
S3
BA3472 family
Calculation
VCC
VEE
EK
Vicm
Input Offset Voltage
VF1
ON
ON
OFF
15
-15
0
0
1
Input Offset Current
VF2
OFF
OFF
OFF
15
-15
0
0
2
Input Bias Current
VF3
OFF
ON
OFF
15
-15
0
0
3
VF4
ON
OFF
Large Signal Voltage Gain
VF5
ON
ON
ON
15
-15
+10
0
4
VF6
15
-15
-10
0
Common-mode Rejection Ratio
(Input Common-mode Voltage Range)
VF7
ON
ON
OFF
15
-15
0
-15
5
VF8
15
-15
0
13
Power Supply Rejection Ratio
VF9
ON
ON
OFF
2
-2
0
0
6
VF10
18
-18
0
0
-Calculation-
1. Input Offset Voltage (Vio)
2. Input Offset Current (Iio)
3. Input Bias Current (Ib)
4. Large Signal Voltage Gain (Av)
5. Common-mode Rejection Ratio (CMRR)
6. Power Supply Rejection Ratio (PSRR)
VCC
VIN-
VIN+
VEE
VOUT
Fig24. Schematic diagram (one channel only)
Fig.25 Test circuit 1 (one channel only)
| VF1 |
Vio =
1 + Rf / Rs
[V]
| VF2
-VF1 |
Iio =
Ri ×(1 + Rf / Rs)
[A]
| VF4
-VF3 |
Ib =
2×Ri× (1 + Rf / Rs)
[A]
ΔEK×(1+Rf /Rs)
Av = 20×Log
|VF5-VF6|
[dB]
ΔVicm×(1+Rf /Rs)
CMRR = 20×Log
|VF8-VF7|
[dB]
ΔVcc×(1+Rf /Rs)
PSRR = 20×Log
|VF10-VF9|
[dB]
VCC
C2
0.1[
μF]
Rf
50[k
Ω]
S1
Ri
Rs
10[k
Ω]
50[
Ω]
10[k
Ω]
50[
Ω]
Ri
Rs
S2
RL
S3
1000[pF]
C3
500[k
Ω]
500[k
Ω]
0.1[
μF]
RK
EK
RK
C1
+15[V]
-15[V]
NULL
V VF
DUT
VEE
Vicm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com