Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2L358CNFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F2L358CNFP
Description  RENESAS MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358CNFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F2L358CNFP Datasheet HTML 1Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 2Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 3Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 4Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 5Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 6Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 7Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 8Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
REJ03B0293-0020 Rev.0.20
Mar 12, 2010
Page 2 of 72
Under development
Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
1. Overview
1.1.2
Differences between Groups
Table 1.1 lists the Differences between Groups, Table 1.2 lists the Programmable I/O Ports Provided for Each
Group, and Table 1.3 lists the LCD Display Function Pins Provided for Each Group. Figures 1.9 to 1.13 show
the Pin Assignment for Each Group, and Tables 1.7 to 1.10 list Product Information.
The explanations in the chapters which follow apply to the R8C/L3AC Group only. Note the differences shown
below.
Note:
1.
I/O ports are shared with I/O functions, such as interrupts or timers.
Refer to Tables 1.11 to 1.13, Pin Name Information by Pin Number, for details.
Table 1.1
Differences between Groups
Item
Function
R8C/L35C Group
R8C/L36C Group
R8C/L38C Group
R8C/L3AC Group
I/O Ports
Programmable I/O ports
41 pins
52 pins
68 pins
88 pins
High current drive ports
5 pins
8 pins
8 pins
16 pins
Interrupts
INT interrupt pins
5 pins
8 pins
8 pins
8 pins
Key input interrupt pins
4 pins
4 pins
8 pins
8 pins
Timers
Timer RA pins
(I/O: 1, output: 1)
1 pin
(I/O pin only)
2 pins
2 pins
2 pins
Timer RB pin (output: 1)
None
1 pin
1 pin
1 pin
Timer RD pin (I/O: 8)
None
None
8 pins
8 pins
Timer RE pin (output: 1)
None
1 pin
1 pin
1 pin
Timer RG pin
(I/O: 2, output: 2)
None
None
None
4 pins
A/D Converter
Analog input pin
10 pins
10 pins
16 pins
20 pins
LCD Drive
Control Circuit
LCD power supply
3 pins
(VL1, VL2, VL4)
4 pins
(VL1 to VL4)
4 pins
(VL1 to VL4)
4 pins
(VL1 to VL4)
Common output pins
Max. 4 pins
Max. 8 pins
Max. 8 pins
Max. 8 pins
Segment output pins
Max. 24 pins
Max. 32 pins
Max. 48 pins
Max. 56 pins
Packages
52-pin LQFP
64-pin LQFP
80-pin LQFP
100-pin LQFP/
100-pin QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com