Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2L358CNFP Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R5F2L358CNFP
Description  RENESAS MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358CNFP Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R5F2L358CNFP Datasheet HTML 26Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 27Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 28Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 29Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 30Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 31Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 32Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 33Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
REJ03B0293-0020 Rev.0.20
Mar 12, 2010
Page 28 of 72
Under development
Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
3. Memory
3.
Memory
Figure 3.1 is a Memory Map of each group. Each group has a 1-Mbyte address space from addresses 00000h to
FFFFFh. The internal ROM (program ROM) is allocated lower addresses, beginning with address 0FFFFh. For
example, a 48-Kbyte internal ROM area is allocated addresses 04000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. The starting address of each interrupt
routine is stored here.
The internal ROM (data flash) is allocated addresses 03000h to 03FFFh.
The internal RAM is allocated higher addresses, beginning with address 00400h. For example, a 6-Kbyte internal
RAM area is allocated addresses 00400h to 01BFFh. The internal RAM is used not only for data storage but also as a
stack area when a subroutine is called or when an interrupt request is acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh and 02C00h to 02FFFh. Peripheral
function control registers are allocated here. All unallocated spaces within the SFRs are reserved and cannot be
accessed by users.
Figure 3.1
Memory Map
0FFFFh
0FFDCh
Notes:
1. Data flash indicates block A (1 Kbyte), block B (1 Kbyte),
block C (1 Kbyte), and block D (1 Kbyte).
2. Blank spaces are reserved. No access is allowed.
FFFFFh
0FFFFh
0YYYYh
0XXXXh
00400h
002FFh
00000h
Internal ROM
(program ROM)
Internal RAM
SFR
(Refer to 4. Special
Function Registers
(SFRs))
02FFFh
02C00h
SFR
(Refer to 4. Special Function
Registers (SFRs))
ZZZZZh
Internal ROM
(program ROM)
03FFFh
03000h
Internal ROM
(data flash) (1)
0FFD8h
Reserved area
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer, oscillation stop detection, voltage monitor
Address break
(Reserved)
Reset
Part Number
Internal ROM
Internal RAM
Capacity
Address
0YYYYh
Capacity
Address
0XXXXh
Address
ZZZZZh
48 Kbytes
04000h
−
6 Kbytes
01BFFh
64 Kbytes
04000h
13FFFh
8 Kbytes
023FFh
96 Kbytes
04000h
1BFFFh
10 Kbytes
02BFFh
128 Kbytes
04000h
23FFFh
10 Kbytes
02BFFh
R5F2L357C***, R5F2L367C***, R5F2L387C***, R5F2L3A7C***
R5F2L358C***, R5F2L368C***, R5F2L388C***, R5F2L3A8C***
R5F2L35AC***, R5F2L36AC***, R5F2L38AC***, R5F2L3AAC***
R5F2L35CC***, R5F2L36CC***, R5F2L38CC***, R5F2L3ACC***



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com