Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2L358CNFP Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R5F2L358CNFP
Description  RENESAS MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358CNFP Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R5F2L358CNFP Datasheet HTML 43Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 44Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 45Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 46Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 47Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 48Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 49Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 50Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
REJ03B0293-0020 Rev.0.20
Mar 12, 2010
Page 45 of 72
Under development
Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
5. Electrical Characteristics
5.
Electrical Characteristics
5.1
Absolute Maximum Ratings
Note:
1.
For the register settings for each operation, refer to 7. I/O Ports and 9. Clock Generation Circuit of Hardware Manual
(REJ09B0585).
Table 5.1
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated Value
Unit
VCC/AVCC
Supply voltage
−0.3 to 6.5
V
VI
Input voltage
XIN
XIN-XOUT oscillation on
(oscillation buffer ON) (1)
−0.3 to 1.65
V
XIN
XIN-XOUT oscillation on
(oscillation buffer OFF) (1)
−0.3 to VCC + 0.3
V
VL1
−0.3 to VL2
V
VL2
R8C/L35C
VL1 to VL4
V
R8C/L36C, R8C/L38C, R8C/L3AC
VL1 to VL3
V
VL3
VL2 to VL4
V
VL4
VL3 to 6.5
V
Other pins
−0.3 to VCC + 0.3
V
VO
Output voltage
XOUT
XIN-XOUT oscillation on
(oscillation buffer ON) (1)
−0.3 to 1.65
V
XOUT
XIN-XOUT oscillation on
(oscillation buffer OFF) (1)
−0.3 to VCC + 0.3
V
VL1
−0.3 to VL2
V
VL2
R8C/L35C
VL1 to VL4
V
R8C/L36C, R8C/L38C, R8C/L3AC
VL1 to VL3
V
VL3
VL2 to VL4
V
VL4
−0.3 to 6.5
V
CL1, CL2
−0.3 to 6.5
V
COM0 to COM7
−0.3 to VL4
V
SEG0 to SEG55
−0.3 to VL4
V
Other pins
−0.3 to VCC + 0.3
V
Pd
Power dissipation
−40°C ≤ Topr ≤ 85°C
500
mW
Topr
Operating ambient temperature
−20 to 85 (N version) /
−40 to 85 (D version)
°C
Tstg
Storage temperature
−65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com