Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120U10SCAVG Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTM120U10SCAVG
Description  Single switch Series & SiC parallel diodes MOSFET Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120U10SCAVG Datasheet(HTML) 3 Page - Microsemi Corporation

  APTM120U10SCAVG Datasheet HTML 1Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 2Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 3Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 4Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 5Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 6Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 7Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
APTM120U10SCAVG
www.microsemi.com
3 – 8
Series diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
200
V
Tj = 25°C
350
IRM
Maximum Reverse Leakage Current
VR=200V
Tj = 125°C
600
µA
IF
DC Forward Current
Tc = 80°C
120
A
IF = 120A
1.1
1.15
IF = 240A
1.4
VF
Diode Forward Voltage
IF = 120A
Tj = 125°C
0.9
V
Tj = 25°C
31
trr
Reverse Recovery Time
Tj = 125°C
60
ns
Tj = 25°C
120
Qrr
Reverse Recovery Charge
IF = 120A
VR = 133V
di/dt = 400A/µs
Tj = 125°C
500
nC
SiC Parallel diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
288
1800
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 175°C
504
9000
µA
IF
DC Forward Current
Tc = 100°C
90
A
Tj = 25°C
1.6
1.8
VF
Diode Forward Voltage
IF = 90A
Tj = 175°C
2.3
3
V
QC
Total Capacitive Charge
IF = 90A, VR = 300V
di/dt =1800A/µs
360
nC
f = 1MHz, VR = 200V
864
C
Total Capacitance
f = 1MHz, VR = 400V
621
pF
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
Transistor
0.038
Series diode
0.46
RthJC
Junction to Case Thermal Resistance
SiC Parallel diode
0.22
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
4000
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
M5
2
3.5
Torque Mounting torque
For terminals
M3
1
1.5
N.m
Wt
Package Weight
280
g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com