Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120U10SCAVG Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APTM120U10SCAVG
Description  Single switch Series & SiC parallel diodes MOSFET Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120U10SCAVG Datasheet(HTML) 7 Page - Microsemi Corporation

  APTM120U10SCAVG Datasheet HTML 1Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 2Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 3Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 4Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 5Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 6Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 7Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
APTM120U10SCAVG
www.microsemi.com
7 – 8
Delay Times vs Current
td(on)
td(off)
0
50
100
150
200
250
300
30
60
90
120
150
180
ID, Drain Current (A)
VDS=800V
RG=1.2Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
30
60
90
120
150
180
ID, Drain Current (A)
VDS=800V
RG=1.2Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
3
6
9
12
30
60
90
120
150
180
ID, Drain Current (A)
VDS=800V
RG=1.2Ω
TJ=125°C
L=100µH
Eon
Eoff
4
8
12
16
20
24
02
4
6
8
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=800V
ID=116A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
25
50
75
100
125
150
175
50
70
90
110
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=800V
D=50%
RG=1.2Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com