Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120U10SCAVG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM120U10SCAVG
Description  Single switch Series & SiC parallel diodes MOSFET Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120U10SCAVG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM120U10SCAVG Datasheet HTML 1Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 2Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 3Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 4Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 5Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 6Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 7Page - Microsemi Corporation APTM120U10SCAVG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APTM120U10SCAVG
www.microsemi.com
1 – 8
D
DK
S
SK
G
G, SK and DK terminals are for control signals only
(not for power)
D
S
DK
SK
SK
G
All ratings @ Tj = 25°C unless otherwise specified
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
VDSS = 1200V
RDSon = 100mΩ typ @ Tj = 25°C
ID = 116A @ Tc = 25°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Power MOS 7
® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
SiC Parallel Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
Kelvin source for easy drive
Kelvin drain for voltage monitoring
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
-
M3 power connectors
High level of integration
AlN substrate for improved MOSFET thermal
performance
Benefits
Outstanding
performance
at
high
frequency
operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Low profile
RoHS Compliant
Single switch
Series & SiC parallel diodes
MOSFET Power Module


Similar Part No. - APTM120U10SCAVG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM120U10SA ADPOW-APTM120U10SA Datasheet
294Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM120U10SAG MICROSEMI-APTM120U10SAG Datasheet
269Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM120U10SCAVG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20UM05S ADPOW-APTM20UM05S Datasheet
287Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM20UM09S ADPOW-APTM20UM09S Datasheet
285Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM20UM04S-ALN ADPOW-APTM20UM04S-ALN Datasheet
302Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM50UM13S-ALN ADPOW-APTM50UM13S-ALN Datasheet
301Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM50UM25S ADPOW-APTM50UM25S Datasheet
284Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65S-ALN ADPOW-APTM100UM65S-ALN Datasheet
311Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM120U10SA ADPOW-APTM120U10SA Datasheet
294Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50UM13SAG MICROSEMI-APTM50UM13SAG Datasheet
270Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65SAG MICROSEMI-APTM100UM65SAG Datasheet
278Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65SCAVG MICROSEMI-APTM100UM65SCAVG Datasheet
272Kb / 8P
Single switch Series & SiC parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com