Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF521 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # ARF521
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF521 Datasheet(HTML) 3 Page - Microsemi Corporation

  ARF521 Datasheet HTML 1Page - Microsemi Corporation ARF521 Datasheet HTML 2Page - Microsemi Corporation ARF521 Datasheet HTML 3Page - Microsemi Corporation ARF521 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ARF521
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 6, Typical Output Characteristics
0
5
10
15
20
25
30
9V
7V
8V
12V
10V
11V
30
25
20
15
10
5
0
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 7a, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
0.5
0.1
0.3
0.7
0.05
D = 0.9
T
C, CASE TEMPERATURE (°C)
Figure 5, Typical Threshold Voltage vs Temperature
1.10
1.05
1.00
0.95
0.90
-50 -25
0
25
50
75
100 125 150
Figure 7b, TRANSIENT THERMAL IMPEDANCE MODEL
0.256
0.213
0.131
0.00496F
0.0590F
0.635F
Transient Thermal Impedance RC Model
Dissipated Power
(Watts)
T
J (C)
T
C (C)
Z
EXT are the external thermal
impedances: Case to sink, sink to
ambient, etc. Set to zero when modeling
only the case to junction.
Table 1 - Typical Class AB Large Signal Input - Output Impedance
Freq. (MHz)
Z
in (Ω)ZOL (Ω)
2.0
13.5
27
40
65
80
100
24 - j 4.5
8.3 - j 11.6
2.5 - j 7.1
1.0 - j 4.2
.30 - j 1.1
.25 + j 0.3
.35 + j 1.6
55 - j 4
45 - j 22
28.7 - j 28
17.9 - j 26
9.0 - j 20.6
5.8 - j 17
4 - j 14.2
Z
IN - Gate shunted with 25Ω
I
dq = 50mA
Z
OL - Conjugate of optimum load for 150 Watts output at Vdd=125V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com