Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF521 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # ARF521
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF521 Datasheet(HTML) 4 Page - Microsemi Corporation

  ARF521 Datasheet HTML 1Page - Microsemi Corporation ARF521 Datasheet HTML 2Page - Microsemi Corporation ARF521 Datasheet HTML 3Page - Microsemi Corporation ARF521 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ARF521
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 and foreign patents. US and Foreign patents pending. All Rights Reserved.
ARF521 Test Fixture
2-22-02 rf
Gate Bias
Vdd Power
L1
C1
C3
C4
C5
C2
C13
R2
R3
R1
DUT
L2
L3
C6
C12
C9
C10
C11
L4
+125V
RF
Output
RF
Input
C1 - Arco 406 Mica trimmer
C2 - 220pF Semco metal clad
C3 - Arco 464 Mica trimmer
C4 - 820pF ATC 700B
C5- 1000pF ATC 700B
C6 - Arco 463 Mica trimmer
C7-C10 10nF 500V chip
C11-C13 1nF NPO 500V
TL1 - .23" x 1.5" stripline
L1 -- 2t #18 .3" ID .2"L ~50nH
L2 -- 3t #16 AWG .31" ID .3"L ~65nH
L3 -- 10t #22 AWG .25 ID ~470nH
L4 -- VK200-4B ferrite choke ~3uH
R1-R3 -- 1k Ohm 1/4W Carbon
DUT = ARF521
Bias
0 - 12V
C7
C8
TL1
ARF521 Test Circuit 81.36 MHz
A
U
M
M
Q
R
B
1
4
3
2
D
K
E
Seating Plane
C
J
H
PIN 1 - SOURCE
PIN 2 - GATE
PIN 3 - SOURCE
PIN 4 - DRAIN
M174 Package Outline
.5” SOE
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.096
0.990
24.39
25.14
B
0.465
0.510
11.82
12.95
C
0.229
0.275
5.82
6.98
D
0.216
0.235
5.49
5.96
E
0.084
0.110
2.14
2.79
H
0.144
0.178
3.66
4.52
J
0.003
0.007
0.08
0.17
K
0.435
11.0
M
45° NOM
45° NOM
Q
0.115
0.130
2.93
3.30
R
0.246
0.255
6.25
6.47
U
0.720
0.730
18.29
18.54



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com