Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF521 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # ARF521
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF521 Datasheet(HTML) 1 Page - Microsemi Corporation

  ARF521 Datasheet HTML 1Page - Microsemi Corporation ARF521 Datasheet HTML 2Page - Microsemi Corporation ARF521 Datasheet HTML 3Page - Microsemi Corporation ARF521 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ARF521
165V, 150W, 150MHz
The ARF521 is an RF power transistor designed for high voltage operation in
broadband HF, narrow band ISM and MRI power amplifiers up to 150MHz.
• Specified 125 Volt, 81MHz Characteristics:
Output Power = 150 Watts.
Gain = 13dB (Class AB)
Efficiency = 50%
• High Voltage Breakdown and Large SOA
for Superior Ruggedness.
• Industry Standard Package
• Low Vth Thermal Coefficient
Symbol
Parameter
ARF521
Unit
V
DSS
Drain-Source Voltage
500
V
I
D
Continuous Drain Current @ T
C = 25°C
10
A
V
GS
Gate-Source Voltage
±30
V
P
D
Total Device Dissipation @ T
C = 25°C
250
W
T
J, TSTG
Operating and Storage Junction Temperature Range
-55 to 175
°C
T
L
Lead Temperature: 0.063” from Case for 10 Sec.
300
Maximum Ratings
All Ratings: T
C =25°C unless otherwise specified
Static Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
V
(BR)DSS
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250 μA)
500
V
V
DS(ON)
Drain-Source On-State Resistance 1 (I
D(ON) = 5A, VGS = 10V)
0.56
0.8
Ω
I
DSS
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V)
25
μA
Zero Gate Voltage Drain Current (V
DS = 50V, VGS = 0, TC = 125°C)
250
I
GSS
Gate-Source Leakage Current (V
DS = ±30V, VDS = 0V)
±100
nA
g
fs
Forward Transconductance (V
DS = 15V, ID = 5A)
3
3.6
mhos
V
GS(TH)
Gate Threshold Voltage (V
DS = VGS, ID = 200mA)
2
4
Volts
Microsemi Website - http://www.microsemi.com
Thermal Characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
R
θJC
Junction to Case Thermal Resistance
0.60
°C/W
R
θCS
Case to Sink (Use High Efficiency Thermal Joint Compound and Planar Heat Sink Surface.)
0.1
CAUTION:
These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
RF POWER MOSFET
N-CHANNEL ENHANCEMENT MODE


Similar Part No. - ARF521

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF521 ADPOW-ARF521 Datasheet
198Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
More results

Similar Description - ARF521

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF1500 ADPOW-ARF1500 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 ADPOW-ARF1501 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF442 ADPOW-ARF442 Datasheet
55Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF444 ADPOW-ARF444 Datasheet
64Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF475FL ADPOW-ARF475FL Datasheet
95Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1500 ADPOW-ARF1500 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF460A MICROSEMI-ARF460A Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 MICROSEMI-ARF1501 Datasheet
150Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1505 MICROSEMI-ARF1505 Datasheet
147Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF300 MICROSEMI-ARF300_10 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com