Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK944BCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCLK944BCPZ-R7
Description  2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK944BCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCLK944BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADCLK944
Rev. 0 | Page 9 of 12
THEORY OF OPERATION
CLOCK INPUTS
The ADCLK944 accepts a differential clock input and distrib-
utes it to all four LVPECL outputs. The maximum specified
frequency is the point at which the output voltage swing is 50%
of the standard LVPECL swing (see Figure 4).
The device has a differential input equipped with center-tapped,
differential, 100 Ω on-chip termination resistors. The input can
accept dc-coupled LVPECL, CML, 3.3 V CMOS (single-ended,
3.3 V operation only), and ac-coupled 1.8 V CMOS, LVDS, and
LVPECL inputs. A VREF pin is available for biasing ac-coupled
inputs (see Figure 20 and Figure 21).
Maintain the differential input voltage swing from approxi-
mately 400 mV p-p to no more than 3.4 V p-p. See Figure 18
through Figure 21 for various clock input termination schemes.
Output jitter performance is significantly degraded by an input
slew rate below 1 V/ns, as shown in Figure 11. The ADCLK944
is specifically designed to minimize added random jitter over a
wide input slew rate range. Whenever possible, clamp excessively
large input signals with fast Schottky diodes because attenuators
reduce the slew rate. Input signal runs of more than a few centi-
meters should be over low loss dielectrics or cables with good
high frequency characteristics.
CLOCK OUTPUTS
The specified performance necessitates using proper transmis-
sion line terminations. The LVPECL outputs of the ADCLK944
are designed to directly drive 800 mV into a 50 Ω cable or into
microstrip/stripline transmission lines terminated with 50 Ω
referenced to VCC − 2 V, as shown in Figure 13. The LVPECL
output stage is shown in Figure 12. The outputs are designed
for best transmission line matching. If high speed signals must
be routed more than a centimeter, either the microstrip or the
stripline technique is required to ensure proper transition times
and to prevent excessive output ringing and pulse-width-dependent
propagation delay dispersion.
VEE
VCC
Q
Q
Figure 12. Simplified Schematic Diagram
of the LVPECL Output Stage
Figure 13 through Figure 16 depict various LVPECL output
termination schemes. When dc-coupled, VCC of the receiving
buffer should match VS_DRV.
ADCLK944
VS_DRV
VCC = VS_DRV
Z0 = 50Ω
LVPECL
50
Ω
VCC – 2V
50
Ω
Z0 = 50Ω
Figure 13. DC-Coupled, 3.3 V LVPECL
Thevenin-equivalent termination uses a resistor network to provide
50 Ω termination to a dc voltage that is below VOL of the LVPECL
driver. In this case, VS_DRV on the ADCLK944 should equal
VCC of the receiving buffer. Although the resistor combination
shown in Figure 14 results in a dc bias point of VS_DRV − 2 V,
the actual common-mode voltage is VS_DRV − 1.3 V because
there is additional current flowing from the ADCLK944 LVPECL
driver through the pull-down resistor.
VS_DRV
50
Ω
50
Ω
SINGLE-ENDED
(NOT COUPLED)
VS_DRV
ADCLK944
VCC
LVPECL
127
Ω
127
Ω
83
Ω
83
Ω
Figure 14. DC-Coupled, 3.3 V LVPECL Far-End Thevenin Termination
LVPECL Y-termination (see Figure 15) is an elegant termination
scheme that uses the fewest components and offers both odd-
and even-mode impedance matching. Even-mode impedance
matching is an important consideration for closely coupled trans-
mission lines at high frequencies. Its main drawback is that it offers
limited flexibility for varying the drive strength of the emitter-
follower LVPECL driver. This can be an important consideration
when driving long trace lengths but is usually not an issue.
ADCLK944
VS_DRV
VCC = VS_DRV
Z0 = 50Ω
LVPECL
50
Ω
50
Ω
50
Ω
Z0 = 50Ω
Figure 15. DC-Coupled, 3.3 V LVPECL Y-Termination
A
VS_DRV
100
Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VCC
LVPECL
100
Ω
0.1nF
0.1nF
DCLK944
200
Ω
200
Ω
Figure 16. AC-Coupled LVPECL with Parallel Transmission Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com