Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK944BCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCLK944BCPZ-R7
Description  2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK944BCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCLK944BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADCLK944
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.30
0.25
0.18
1.60
1.50 SQ
1.40
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
0.45
0.40
0.35
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.80
0.75
0.70
COMPLIANT TO JEDEC STANDARDS MO-220-WEED-6.
Figure 22. 16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
3 mm × 3 mm Body, Very Very Thin Quad
(CP-16-18)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding Code
ADCLK944BCPZ-R2
−40°C to +85°C
16-Lead LFCSP_WQ
CP-16-18
Y2K
ADCLK944BCPZ-R7
−40°C to +85°C
16-Lead LFCSP_WQ
CP-16-18
Y2K
ADCLK944BCPZ-WP
−40°C to +85°C
16-Lead LFCSP_WQ
CP-16-18
Y2K
ADCLK944/PCBZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08770-0-3/10(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com