Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK944BCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCLK944BCPZ-R7
Description  2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK944BCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADCLK944BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADCLK944BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2.5 V/3.3 V, Four LVPECL Outputs,
SiGe Clock Fanout Buffer
ADCLK944
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
FEATURES
Operating frequency: 7.0 GHz
Operating frequency: 7.0 GHz
Broadband random jitter: 50 fs rms
Broadband random jitter: 50 fs rms
On-chip input terminations
On-chip input terminations
Power supply (VCC − VEE): 2.5 V to 3.3 V
Power supply (VCC − VEE): 2.5 V to 3.3 V
APPLICATIONS
APPLICATIONS
Low jitter clock distribution
Low jitter clock distribution
Clock and data signal restoration
Clock and data signal restoration
Level translation
Level translation
Wireless communications
Wireless communications
Wired communications
Wired communications
Medical and industrial imaging
Medical and industrial imaging
ATE and high performance instrumentation
ATE and high performance instrumentation
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL BLOCK DIAGRAM
LVPECL
ADCLK944
REFERENCE
REF
VT
Q0
Q0
Q1
Q1
Q2
V
CLK
Q2
Q3
Q3
CLK
Figure 1.
GENERAL DESCRIPTION
The ADCLK944 is an ultrafast clock fanout buffer fabricated on
the Analog Devices, Inc., proprietary XFCB3 silicon germanium
(SiGe) bipolar process. This device is designed for high speed
applications requiring low jitter.
The device has a differential input equipped with center-tapped,
differential, 100 Ω on-chip termination resistors. The input can
accept dc-coupled LVPECL, CML, 3.3 V CMOS (single-ended),
and ac-coupled 1.8 V CMOS, LVDS, and LVPECL inputs. A VREF
pin is available for biasing ac-coupled inputs.
The ADCLK944 features four full-swing emitter-coupled logic
(ECL) output drivers. For LVPECL (positive ECL) operation,
bias VCC to the positive supply and VEE to ground. For ECL
operation, bias VCC to ground and VEE to the negative supply.
The ECL output stages are designed to directly drive 800 mV
each side into 50 Ω terminated to VCC − 2 V for a total differen-
tial output swing of 1.6 V.
The ADCLK944 is available in a 16-lead LFCSP and is specified
for operation over the standard industrial temperature range of
−40°C to +85°C.


Similar Part No. - ADCLK944BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946 AD-ADCLK946 Datasheet
476Kb / 12P
Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946 AD-ADCLK946 Datasheet
335Kb / 12P
Six LVPECL Outputs, SiGe Clock Fanout Buffer
8/2017-Rev. A to Rev. B
ADCLK946/PCBZ AD-ADCLK946/PCBZ Datasheet
476Kb / 12P
Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ AD-ADCLK946BCPZ Datasheet
476Kb / 12P
Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ AD-ADCLK946BCPZ Datasheet
335Kb / 12P
Six LVPECL Outputs, SiGe Clock Fanout Buffer
8/2017-Rev. A to Rev. B
More results

Similar Description - ADCLK944BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
logo
Analog Devices
ADCLK946 AD-ADCLK946 Datasheet
476Kb / 12P
Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Analog Devices
ADCLK946 AD-ADCLK946_17 Datasheet
335Kb / 12P
Six LVPECL Outputs, SiGe Clock Fanout Buffer
8/2017-Rev. A to Rev. B
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com