Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX6433 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX6433
Description  TM Precision Voltage Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6433 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX6433 Datasheet HTML 1Page - Microsemi Corporation LX6433 Datasheet HTML 2Page - Microsemi Corporation LX6433 Datasheet HTML 3Page - Microsemi Corporation LX6433 Datasheet HTML 4Page - Microsemi Corporation LX6433 Datasheet HTML 5Page - Microsemi Corporation LX6433 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2003
Rev. 1.1, 2009-02-11
LX6433
Precision Voltage Monitor
TM
®
SIMPLIFIED BLO C K DIAGR A M
VMON
GND
+
-
REF
CLOCK
1.6MHz
Divide by
24
VIN
OUTPUT
RESET
SET
Clock
Divide by
217
Negative Edge Detector
RESET Output
Pulse Qualifier
Figure 2 –
Simplified Block Diagram
5V
1V
0V
VIN
VMON
RESET
5V
3V
0V
1.5V
1.0V
0.5V
0.0V
“THRESHOLD”
T0
T1
T2
T3
T5 T6 T7
T8
T9 T10 T11 T12
T13
T15
T4
T14
T16
T0: RESET invalid logic state for VIN < 2V
T1- T1 Vmonitor exceeds Threshold, at T1, RESET pulse remains low for 100ms until T2.
T3 - T4: Transient on VIN is ignored, less than 10usec duration for Vmonitor < THRESHOLD. (Same applies for *)
T5: Vmonitor drops below Threshold, remains low for > 10usec which activates RESET Low.
T6: Vmonitor rises above Threshold but previous fault at T5 has not cycled through full timeout (T 6-T7 < 50mS), RESET remains low.
T7: Vmonitor fals below Threshold, RESET remains low.
T7-T8 duration > 10uS, RESET timer restarted for 100mS timeout
T8-T9: Duration exceeds 150ms, RESET timer cycle completed, output rises
T10-T11: Vmonitor falls below Threshold for > 10uS, RESET signal goes low.
T13-T14, T15-T16 :Vmonitor is above Threshold, no limits apply for peak voltage or duration.
* * *
**
* * *
100ms
(typ.)
100ms
(typ.)
100ms
(typ.)
Figure 3 –
Timing Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com