Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX6433 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX6433
Description  TM Precision Voltage Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6433 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX6433 Datasheet HTML 1Page - Microsemi Corporation LX6433 Datasheet HTML 2Page - Microsemi Corporation LX6433 Datasheet HTML 3Page - Microsemi Corporation LX6433 Datasheet HTML 4Page - Microsemi Corporation LX6433 Datasheet HTML 5Page - Microsemi Corporation LX6433 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2003
Rev. 1.1, 2009-02-11
LX6433
Precision Voltage Monitor
TM
®
DESCRI PTION
The LX6433 is a precise voltage
monitor programmed to signal a low
supply line condition.
VMON is
connected to the “monitored” supply
line, when VMON drops below the
threshold of 1.085V, RESET line
goes low.
When power is restored
and
VMON
moves
above
the
threshold voltage, RESET remains
low for an additional 100ms to ensure
system reset is fully applied.
Digital filtering inside the LX6433
ignores temporary dips in the VMON
line lasting for less than 10µS to
avoid false triggering.
The monitor operates over a supply
range (VIN) of 3V to 6V. The RESET
line is capable of sinking an output
load current of 1mA.
This line is
protected from short circuit to VIN or
Ground without damage.
Tight threshold detection allows for a
1.085V
to
1.125V
window
over
temperature.
System efficiency is
maintained with ultra low IQ of 20µA.
The 5 pin SOT-23 package provides
a small form factor similar to industry
standard device types in this category.
This
package
is
RoHS
compliant
allowing Pb free PCB assembly.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Precise Threshold Detection
1.105V ±0.02V
3V to 6.0V Operating Range
Active Low RESET, Sink
Current > 1mA
RESET Pulse Duration
Controlled, typical 100mS
Quiescent Current < 40
μA
Wide Temperature: 0-85°C
No External Components
Required
SOT-23, 5-Pin Package, RoHS
Compliant (Pb-Free)
Similar Devices: FM803,
NCP803 and LM3724
APPLICATIONS/BENEFITS
Portable Microprocessor Core
Voltage Supply Monitor
Supply Monitoring: 1.2V, 2.5V,
3.3V, 5V or any other level.
PRODU C T HIGHL IGHT
VIN
VMON
RESET
GND
LX6433CSE
R Pull-up
(Optional)
3.3 to 5V
VCC
Reset
Ground
1.2V Supply
Microprocessor / ASIC
Figure 1
– LX6433 Typical Application Circuit
PACK AG E OR DER INFORMATION
SE
Plastic SOT-23
5-PIN (Pb Free)
TA(°C)
Supply
Voltage (VIN)
Fault Detection
Threshold Voltage
RoHS Compliant / Pb-free
0 to 85
3 to 6V
1.105V +/-1.8%
LX6433CSE
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX6433CSE-TR)
Device Marking
2975


Similar Part No. - LX6433

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6431 MICROSEMI-LX6431 Datasheet
155Kb / 11P
PRECISION PROGRAMMABLE REFERENCES
LX6431 MICROSEMI-LX6431 Datasheet
405Kb / 11P
PRECISION PROGRAMMABLE REFERENCES
LX6431A MICROSEMI-LX6431A Datasheet
155Kb / 11P
PRECISION PROGRAMMABLE REFERENCES
LX6431ACDM MICROSEMI-LX6431ACDM Datasheet
155Kb / 11P
PRECISION PROGRAMMABLE REFERENCES
LX6431ACDM MICROSEMI-LX6431ACDM Datasheet
405Kb / 11P
PRECISION PROGRAMMABLE REFERENCES
More results

Similar Description - LX6433

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
Super Sequencer-TM and Monitor
logo
Summit Microelectronics...
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
logo
Analog Devices
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
dBCOOL-TM Remote Thermal Controller and Voltage Monitor
3/03-Data Sheet changed from REV. 0 to REV. A.
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
Precision supply-voltage monitor
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
Precision Digital Power Monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
Precision supply-voltage monitor
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
Precision Digital Power Monitor
October 2, 2015
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
Precision supply-voltage monitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com