Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX6433 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX6433
Description  TM Precision Voltage Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6433 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX6433 Datasheet HTML 1Page - Microsemi Corporation LX6433 Datasheet HTML 2Page - Microsemi Corporation LX6433 Datasheet HTML 3Page - Microsemi Corporation LX6433 Datasheet HTML 4Page - Microsemi Corporation LX6433 Datasheet HTML 5Page - Microsemi Corporation LX6433 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2003
Rev. 1.1, 2009-02-11
LX6433
Precision Voltage Monitor
TM
®
CHARA C TERI S TI C CUR V ES
Figure 4 Reset Pulse Width after VMONITOR “GOOD”
Figure 5 Reset Delay after VMONITOR Falls
Figure 6 VMONITOR Digital Filter, Reset Logic Ignores Pulse
Widths of < 5μS
Figure 7 Start-up for VIN
VIN
/RESET
MONITOR
VIN
MONITOR
/RESET
VMONITOR Droop Pulse Width:
5uS
5uS
10uS
10us
VIN
/RESET
(VMONITOR = 0V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com