Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8586 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8586
Description  6A Low Dropout Positive Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8586 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8586 Datasheet HTML 1Page - Microsemi Corporation LX8586 Datasheet HTML 2Page - Microsemi Corporation LX8586 Datasheet HTML 3Page - Microsemi Corporation LX8586 Datasheet HTML 4Page - Microsemi Corporation LX8586 Datasheet HTML 5Page - Microsemi Corporation LX8586 Datasheet HTML 6Page - Microsemi Corporation LX8586 Datasheet HTML 7Page - Microsemi Corporation LX8586 Datasheet HTML 8Page - Microsemi Corporation LX8586 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LX8586 / LX8586A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 1996
Rev. 1.0a, 2005-11-10
6A Low Dropout Positive Regulators
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0
°C
≤ T
A ≤ 70°C; VIN – VOUT =
3V, IOUT = 6A. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient
temperature.
LX8586/86A-00
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
LX8586-00 / LX8586A-00 (ADJUSTABLE)
IOUT = 10mA, TA = 25°C
1.238
1.250
1.262
Reference Voltage
VREF
10mA < IOUT < 6A, 1.5V < (VIN – VOUT),
VIN < 7V, P < PMAX
1.225
1.250
1.275
V
Line Regulation (Note 2)
∆VREF(VIN)
IOUT = 10mA, 1.5V < (VIN – VOUT), VIN < 7V
0.035
0.20
%
Load Regulation (Note 2)
∆VREF(IOUT) VIN – VOUT = 3V, 10mA < IOUT < 6A
0.1
0.5
%
Thermal Regulation
∆VOUT(Pwr) TA = 25°C, 20ms pulse
0.01
0.02
% /W
Ripple Rejection (Note 3)
VOUT = 3.3V, f = 120Hz, COUT = 100µF Tantalum,
VIN = 5V, CADJ = 10µF, TA = 25°C, IOUT = 6A
60
83
dB
Adjust Pin Current
IADJ
55
100
µA
Adjust Pin Current Change
∆IADJ
10mA < IOUT < 6A, 1.5V < (VIN – VOUT), VIN < 7V
0.2
5
µA
LX8586-00
∆VREF = 1%, IOUT = 6A
1.1
1.3
Dropout Voltage
LX8586A-00
∆V
∆VREF = 1%, IOUT = 6A
0.9
1.1
V
Minimum Load Current
IOUT(MIN)
VIN < 7V
2
10
mA
Maximum Output Current
IOUT(MAX)
1.4V < (VIN – VOUT), VIN < 7V
6.1
8
A
Temperature Stability
∆VOUT(T)
0.25
%
Long Term Stability
∆VOUT(t)
TA = 125°C, 1000hrs
0.3
%
RMS Output Noise (% of VOUT)
VOUT(RMS)
TA = 25°C, 10Hz < f < 10kHz
0.003
%
LX8586-33 / LX8586A-33 (3.3V FIXED)
VIN = 5V, IOUT = 0mA, TA = 25°C
3.267
3.3
3.333
Output Voltage
VOUT
4.75V < VIN < 10V, 0mA < IOUT < 6A, P < PMAX
3.235
3.3
3.365
V
4.75V < VIN < 7V
1
6
Line Regulation (Note 2)
∆VOUT(VIN)
4.75V < VIN < 10V
2
10
mV
Load Regulation (Note 2)
∆VOUT(IOUT) VIN = 5V, 10mA < IOUT < IOUT(MAX)
5
15
mV
Thermal Regulation (Note 3)
∆VOUT(Pwr) TA = 25°C, 20ms pulse
0.01
0.02
% /W
Ripple Rejection (Note 3)
COUT = 100µF Tantalum, IOUT = 6A, TA = 25°C
65
83
dB
Quiescent Current
IQ
0mA < IOUT < IOUT(MAX), 4.75 < VIN < 10V
4
10
mA
LX8586-33
∆VOUT = 1%, IOUT < IOUT(MAX)
1.1
1.3
Dropout Voltage
LX8586A-33
∆V
∆VOUT = 1%, IOUT < IOUT(MAX)
0.9
1.1
V
Maximum Output Current
IOUT(MAX)
VIN < 7A
6.1
8
A
Temperature Stability (Note 3)
∆VOUT (T)
0.25
%
Long Term Stability (Note 3)
∆VOUT (t)
TA = 25°C, 1000 hrs
0.3
1
%
RMS Output Noise (% of VOUT)
(Note 3)
VOUT(RMS)
TA = 25°C, 10Hz < f < 10kHz
0.003
%
Note 2:
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating
effects are covered under the specification for thermal regulation.
Note 3:
These parameters, although guaranteed, are not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com