Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8586 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8586
Description  6A Low Dropout Positive Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8586 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8586 Datasheet HTML 1Page - Microsemi Corporation LX8586 Datasheet HTML 2Page - Microsemi Corporation LX8586 Datasheet HTML 3Page - Microsemi Corporation LX8586 Datasheet HTML 4Page - Microsemi Corporation LX8586 Datasheet HTML 5Page - Microsemi Corporation LX8586 Datasheet HTML 6Page - Microsemi Corporation LX8586 Datasheet HTML 7Page - Microsemi Corporation LX8586 Datasheet HTML 8Page - Microsemi Corporation LX8586 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LX8586 / LX8586A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 1996
Rev. 1.0a, 2005-11-10
6A Low Dropout Positive Regulators
TM
®
ABSOLUTE MAXIMUM RATINGS
Power Dissipation ....................................................................................Internally Limited
Input Voltage .................................................................................................................10V
Input to Output Voltage Differential..............................................................................10V
Operating Temperature Range ................................................................................... 150
°C
Maximum Operating Junction Temperature .............................................................. 150
°C
Storage Temperature Range.........................................................................-65
°C to 150°C
Peak Package Solder Reflow Temp.(40 seconds max. exposure) .................. 260°C (+0 -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERMAL DATA
P
Plastic TO-220 3-Pin
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
2.7
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
1
2
3
Tab is V
OUT
V
OUT
V
IN
ADJ/GND*
P PACKAGE
(Top View)
*Pin 1 is GND for fixed Voltage Versions
RoHS Package is100% Matte Tin Lead Finish



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com