Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8586 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8586
Description  6A Low Dropout Positive Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8586 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8586 Datasheet HTML 1Page - Microsemi Corporation LX8586 Datasheet HTML 2Page - Microsemi Corporation LX8586 Datasheet HTML 3Page - Microsemi Corporation LX8586 Datasheet HTML 4Page - Microsemi Corporation LX8586 Datasheet HTML 5Page - Microsemi Corporation LX8586 Datasheet HTML 6Page - Microsemi Corporation LX8586 Datasheet HTML 7Page - Microsemi Corporation LX8586 Datasheet HTML 8Page - Microsemi Corporation LX8586 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LX8586 / LX8586A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 1996
Rev. 1.0a, 2005-11-10
6A Low Dropout Positive Regulators
TM
®
DESCRIPTION
The LX8586/86A series ICs are
low dropout three-terminal regulators
with a minimum of 6A output current.
Pentium® Processor, Power PCTM,
Cyrix® 6x86TM and AMD-K5™
applications requiring fast transient
response are ideally suited for this
product family. The LX8586A is
guaranteed to have < 1.1V at 6A and
the LX8586 < 1.3V at 6A dropout
voltage, making them ideal to provide
well-regulated outputs of 2.5V to 3.6V
using a 5V input supply. Fixed
versions are also available and
specified in the Available Options
table below.
Current limit is trimmed above 6.1A
to ensure adequate output current and
controlled short-circuit current. On-chip
thermal limiting provides protection
against any combination of overload
that would create excessive junction
temperatures. The LX8586/86A series
devices are available in both through-
hole versions of the industry-standard,
3-pin TO-220 power packages. Along
with
the
standard
μP
supply
applications, the LX8586 series of
products are ideal for Pentium® Pro
Processor applications such as GTL+
Bus
terminators
(see
application
below).
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
PRODUCT H I GHLIGHT
1.5V, 6 A REGULA TO R
LX8586
OUT
ADJ
121
Ω
±1%
H.S. (Note A)
24.3Ω
±1%
1500µF
Sanyo
6MV1500GX
4x 1500 µF
Sanyo
6MV1500GX
3.3V
IN
1.5V/6A
To GTL+
Terminator
From Silverbox
Power Supply
A PPLICA TION OF LX8586 AS 1.5V GTL + BUS TERMINA TO R
Note A: See application note, page 3.
KEY FEATUR ES
ThreeeTerminal Adjustable or
Fixed Output
Guaranteed < 1.1V Headroom at
6A (LX8586A)
Guaranteed < 1.3V Headroom at
6A (LX8586)
Output Current of 6A Minimum
Fast Transient Response
1% Voltage Reference Initial
Accuracy
Output Short Circuit Protection
Built in Thermal Shutdown
Evaluation Board Available:
Request LXE9001 Evaluation Kit
APPLI C ATION S
GTL+ Bus Terminators
Pentium
® Processor Supplies
PowerPC
® Supplies
Microprocessor Supplies
Low Voltage Logic Supplies
Post Regulator for Switching
Supply
LXE9001 Evaluation Board for
Pentium
® Applications Available
Consult Factory
CYRIX
® 6x86™
AMD-K5™ and AMD-K6™
PACKAGE ORDER INFO
P
Plastic TO-220
3 pin
TA (°C)
Dropout
Voltage
RoHS Compliant
Transition DC: 0543
1.3V
LX8586-xxCP
0 to 125
1.1V
LX8586A-xxCP
“xx” refers to output voltage, see table to right.
Note: Available in Tape & Reel. Append the letters “TR” to the part number.
(i.e. LX8586A-00CP-TR)
Available Options Per Part #
Part #
Output Voltage
LX8586/86A-00
Adjustable
LX8586/86A-33
3.3V
Other voltage options may be available;
please contact factory for details.
Pentium is a registered Trademark of Intel Corporation
Cyrix is a registered Trademark of Cyrix Corporation.
K5 & K6 are trademarks of Advanced Micro Devices
PowerPC is a trademark of International Business Machine


Similar Part No. - LX8586

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8586-00 MICROSEMI-LX8586-00 Datasheet
198Kb / 7P
6A LOW DROPOUT POSITIVE REGULATORS
LX8586-00CP MICROSEMI-LX8586-00CP Datasheet
198Kb / 7P
6A LOW DROPOUT POSITIVE REGULATORS
LX8586-00CV MICROSEMI-LX8586-00CV Datasheet
198Kb / 7P
6A LOW DROPOUT POSITIVE REGULATORS
LX8586-33 MICROSEMI-LX8586-33 Datasheet
198Kb / 7P
6A LOW DROPOUT POSITIVE REGULATORS
LX8586-33CP MICROSEMI-LX8586-33CP Datasheet
198Kb / 7P
6A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8586

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
5A LOW DROPOUT POSITIVE REGULATORS
LX8582A-XX MICROSEMI-LX8582A-XX Datasheet
199Kb / 7P
8.5A LOW DROPOUT POSITIVE REGULATORS
LX8586-XX MICROSEMI-LX8586-XX Datasheet
198Kb / 7P
6A LOW DROPOUT POSITIVE REGULATORS
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
4.6A Low Dropout Positive Regulators
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
5A Low Dropout Positive Regulators
logo
Advanced Power Electron...
APU1160 A-POWER-APU1160 Datasheet
72Kb / 5P
6A ULTRA LOW DROPOUT POSITIVE
logo
Microsemi Corporation
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
5A Low Dropout Positive Regulators
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
3A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com