Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS140L Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MDS140L
Description  140 Watts, 50 Volts Pulsed Avionics 1030 to 1090 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDS140L Datasheet(HTML) 3 Page - Microsemi Corporation

  MDS140L Datasheet HTML 1Page - Microsemi Corporation MDS140L Datasheet HTML 2Page - Microsemi Corporation MDS140L Datasheet HTML 3Page - Microsemi Corporation MDS140L Datasheet HTML 4Page - Microsemi Corporation MDS140L Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MDS140L
MDS140L Test Circuit Layout
MDS140L Test Circuit Component Designations and Values
Part
Description
Part
Description
C01, C02
100pF Chip Capacitor (ATC 600F)
C03
100nF Chip Capacitor (ATC 200B)
C04
2200uF, 63V Electrolytic Capacitor
L01
18 AWG, Length: 0.85″
R01
2.4Ω, 1/4W Radial Resistor,
Length: 0.85″
R02
2.4Ω, 1/4W Chip Resistor
M01
22 x 650 mils (W x L)
M02
160 x 50 mils (W x L)
M03
340 x 170 mils (W x L)
M04
120 x 200 mils (W x L)
M05
800 x 300 mils (W x L)
M06
75 x 467 mils (W x L)
M07
1260 x 400 mils (W x L)
M08
840 x 180 mils (W x L)
M09
390/340 x 50 mils (W1/W2 x L)
M10
22 x 120 mils (W x L)
M11
170 x 200 mils (W x L)
M12
340 x 100 mils (W x L)
M13
420 x 80 mils (W x L)
M14
22 x 60 mils (W x L)
M15
22 x 220 mils (W x L)
PCB
Rogers RT6010.2, εr=10.2, 25mils, 1oz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com