Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS140L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MDS140L
Description  140 Watts, 50 Volts Pulsed Avionics 1030 to 1090 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDS140L Datasheet(HTML) 1 Page - Microsemi Corporation

  MDS140L Datasheet HTML 1Page - Microsemi Corporation MDS140L Datasheet HTML 2Page - Microsemi Corporation MDS140L Datasheet HTML 3Page - Microsemi Corporation MDS140L Datasheet HTML 4Page - Microsemi Corporation MDS140L Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MDS140L
140 Watts, 50 Volts
Pulsed Avionics 1030 to 1090 MHz
GENERAL DESCRIPTION
The MDS140L is a high power COMMON BASE bipolar transistor. It is designed
for MODE-S ELM systems in the frequency band 1030-1090 MHz. The device has
gold thin-film metallization and diffused ballasting for proven highest MTTF. The
transistor includes input and output prematch for broadband capability. Low
thermal resistance package reduces junction temperature, extends life.
CASE OUTLINE
55AW Style 1
(Common Base)
ABSOLUTE MAXIMUM RATINGS
Power Dissipation
Device Dissipation @25
°C (Pd)
500 W (At rated pulse condition)
Voltage and Current
Collector to Base Voltage (BVCES)
70 V
Emitter to Base Voltage (BVEBO)
3.0 V
Collector Current (IC)
12 A
Temperatures
Storage Temperature
-65 to +150
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IEBO
Emitter to Base Leakage
VEB = 3.0 V
4.5
mA
BVCBO
Collector to Base Breakdown
IC = 20 mA
70
V
BVCES
Collector to Emitter Breakdown
IC = 20 mA
70
V
ICES
Collector to Emitter Leakage
VCE = 50.0 V
3.0
mA
hFE
DC – Current Gain
IC = 1A, VCE = 5V
20
-
θjc1,2
Thermal Resistance
0.15
°C/W
FUNCTIONAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Out
140
W
Pin
Power Input
15.7
W
Gp
Power Gain
9.5
dB
ηc
Collector Efficiency
50
%
Pd
Pulse Droop
0.5
dB
Tr
1
Rise Time
100
ns
ψ
Load Mismatch
F = 1030/1090 MHz
VCC = 50V
Pin = 15.7W
ELM Burst: 32us(On),
18us(Off), N=48,
Period=23ms
2:1
-
NOTES: 1. At rated output power, pulse conditions and MSC fixture
2. ELM Burst Pulse: 32us(On), 18us(Off), N=48, Period=23ms
Rev. A : Oct. 2008


Similar Part No. - MDS140L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MDS14 FORMOSA-MDS14 Datasheet
57Kb / 7P
SMD Schottky Bridge Rectifier
MDS14L FORMOSA-MDS14L Datasheet
57Kb / 7P
SMD Low VF Schottky Bridge Rectifier
More results

Similar Description - MDS140L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR400A MICROSEMI-TPR400A Datasheet
149Kb / 4P
400 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
10502 MICROSEMI-10502_10 Datasheet
86Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com