Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS140L Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MDS140L
Description  140 Watts, 50 Volts Pulsed Avionics 1030 to 1090 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDS140L Datasheet(HTML) 2 Page - Microsemi Corporation

  MDS140L Datasheet HTML 1Page - Microsemi Corporation MDS140L Datasheet HTML 2Page - Microsemi Corporation MDS140L Datasheet HTML 3Page - Microsemi Corporation MDS140L Datasheet HTML 4Page - Microsemi Corporation MDS140L Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MDS140L
Typical Performance (1030/1090 MHz)
Input/Output
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
4.0
6.5
9.0
11.5
14.0
16.5
19.0
Input Pow e r (W )
1030MHz
1090MHz
Ga in
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
0.0
50.0
100.0
150.0
200.0
Output Pow e r (W )
1030MHz
1090MHz
Input Re turn Loss
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0.0
50.0
100.0
150.0
200.0
Output Pow e r (W )
1030MHz
1090MHz
Efficie ncy
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
0.0
50.0
100.0
150.0
200.0
Output Pow er (W )
1030MHz
1090MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com