Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3022 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MS3022
Description  1 Watts, 28 Volts Class-C, CW 1.0 to 2.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS3022 Datasheet(HTML) 3 Page - Microsemi Corporation

  MS3022 Datasheet HTML 1Page - Microsemi Corporation MS3022 Datasheet HTML 2Page - Microsemi Corporation MS3022 Datasheet HTML 3Page - Microsemi Corporation MS3022 Datasheet HTML 4Page - Microsemi Corporation MS3022 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS3022
MS3022 Test Circuit Layout (@ 2GHz)
MS3022 Test Circuit Component Designations and Values
Part
Description
Part
Description
C1, C2
39pF Chip Capacitor (ATC 200A)
C3
100pF Chip Capacitor (ATC 200B)
C4
47uF 63V Electrolytic Capacitor
L1
Length: 0.32”, AWG20
M1
100 x 675 mils (W x L)
M2
86 x 850 mils (W x L)
M3
200 x 475 mils (W x L)
M4
240 x 275 mils (W x L)
M5
445 x 300 mils (W x L)
M6
645 x 350 mils (W x L)
M7
445 x 350 mils (W x L)
M8
86 x 225 mils (W x L)
M9
86 x 460 mils (W x L)
M10
25 x 1055 mils (W x L)
M11
25 x 1040 mils (W x L)
PCB
Arlon, εr=2.55, 31mils, 1oz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com