Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3022 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS3022
Description  1 Watts, 28 Volts Class-C, CW 1.0 to 2.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS3022 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS3022 Datasheet HTML 1Page - Microsemi Corporation MS3022 Datasheet HTML 2Page - Microsemi Corporation MS3022 Datasheet HTML 3Page - Microsemi Corporation MS3022 Datasheet HTML 4Page - Microsemi Corporation MS3022 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS3022
1 Watts, 28 Volts
Class-C, CW 1.0 to 2.0 GHz
GENERAL DESCRIPTION
The MS3022 is a common base silicon NPN transistor designed for Class-C
general purpose microwave applications. The device is capable of withstanding an
infinite load VSWR under rated conditions. The MS3022 is particularly suited for
microwave communication links in the 1.0 to 2.0 GHz frequency ranges.
Features
• GOLD METALLIZATIOM
• P
OUT = 1.0 W MINIMUM
• G
P = 7.0 dB
• COMMON BASE
CASE OUTLINE
.250 2LFL M210
(Common Base)
ABSOLUTE MAXIMUM RATINGS
Power Dissipation
Device Dissipation @25
°C (P
d)
7 W (At rated pulse condition)
Voltage and Current
Collector to Base Voltage (BVCES)
45 V
Emitter to Base Voltage (BVEBO)
3.5 V
Collector Current (IC)
0.2 A
Temperatures
Storage Temperature
-65 to +150
°C
Operating Junction Temperature
+200
°C
PIN CONNECTION
1. Collector 2. Base
3. Emitter
4. Base
ELECTRICAL CHARACTERISTICS @ 25
°°°°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BVCEO
Collector to Emitter Breakdown
IC = 5 mA, RBE = 50
45
V
BVCBO
Collector to Base Breakdown
IC = 1 mA, IB = 0 mA
45
V
BVEBO
Emitter to Base Breakdown
IE = 1 mA, IC = 0 mA
3.5
V
ICBO
Collector to Base Leakage
VCB = 28.0 V
0.5
mA
HFE
DC – Current Gain
IC = 0.1A, VCE = 5V
15
120
-
θjc1
Thermal Resistance
25
°C/W
NOTES:
1. At rated output power, pulse conditions and MSC fixture
Rev. A : Oct. 2009


Similar Part No. - MS3022

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS302 ZSELEC-MS302 Datasheet
136Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
logo
Advanced Power Technolo...
MS3023 ADPOW-MS3023 Datasheet
174Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
logo
Microsemi Corporation
MS3023 MICROSEMI-MS3023 Datasheet
116Kb / 6P
RF & Microwave Transistors General Purpose Amplifier Applications
logo
Advanced Power Technolo...
MS3024 ADPOW-MS3024 Datasheet
128Kb / 4P
RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
More results

Similar Description - MS3022

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
1014-6A ADPOW-1014-6A Datasheet
163Kb / 1P
6 Watts, 28 Volts, Class C Microwave 1000 - 1400 MHz
UMIL10 ADPOW-UMIL10 Datasheet
80Kb / 2P
100 Watts, 28 Volts, Class AB or C Defcom 100 - 400 MHz
logo
GHz Technology
2001 GHZTECH-2001 Datasheet
208Kb / 4P
1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
3003 GHZTECH-3003 Datasheet
234Kb / 4P
3 Watts - 28 Volts, Class C Microwave 3000 MHz
3005 GHZTECH-3005 Datasheet
337Kb / 3P
5 Watts - 28 Volts, Class C Microwave 3000 MHz
80143 GHZTECH-80143 Datasheet
226Kb / 4P
1.0 Watts, 15 Volts, Class A Linear to 2300 MHz
3001 GHZTECH-3001 Datasheet
213Kb / 4P
1 Watt - 28 Volts, Class C Microwave 3000 MHz
logo
Microsemi Corporation
1014-6A MICROSEMI-1014-6A Datasheet
205Kb / 3P
6 Watts - 28 Volts, Class C Microwave 1000 - 1400 MHz
80143 MICROSEMI-80143 Datasheet
497Kb / 5P
1.0 Watts, 15 Volts, Class A Linear to 2300MHz
MS652 MICROSEMI-MS652 Datasheet
127Kb / 4P
5.0 Watts, 12.5 Volts, Class C UHF Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com