Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3022 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS3022
Description  1 Watts, 28 Volts Class-C, CW 1.0 to 2.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS3022 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS3022 Datasheet HTML 1Page - Microsemi Corporation MS3022 Datasheet HTML 2Page - Microsemi Corporation MS3022 Datasheet HTML 3Page - Microsemi Corporation MS3022 Datasheet HTML 4Page - Microsemi Corporation MS3022 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS3022
FUNCTIONAL CHARACTERISTICS @ 25
°°°°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POUT
Power Out
1.0
W
PIN
Power Input
0.2
W
GP
Power Gain
7.0
dB
η
C
Collector Efficiency
F = 2.0GHz
VCB = 28V
Pin = 0.2W
CW
35
%
COB
Collector Base Capacitance
F = 1 MHz, VCB = 28V
3.2
pF
Typical Performance (2.0 GHz)
Input/Output
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
0.00
0.05
0.10
0.15
0.20
0.25
Input Powe r (W)
Efficie ncy
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
Output Powe r(W)
Typical Performance (1.0 GHz)
Input/Output
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0.00
0.05
0.10
0.15
0.20
0.25
Input Powe r (W)
Efficie ncy
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
0.00
0.50
1.00
1.50
2.00
Output Powe r(W)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com