Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333-HT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA333-HT
Description  Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333-HT Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA333-HT Datasheet HTML 3Page - Texas Instruments INA333-HT Datasheet HTML 4Page - Texas Instruments INA333-HT Datasheet HTML 5Page - Texas Instruments INA333-HT Datasheet HTML 6Page - Texas Instruments INA333-HT Datasheet HTML 7Page - Texas Instruments INA333-HT Datasheet HTML 8Page - Texas Instruments INA333-HT Datasheet HTML 9Page - Texas Instruments INA333-HT Datasheet HTML 10Page - Texas Instruments INA333-HT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1
10
100
1000
10000
100000
1000000
110
130
150
170
190
210
230
Continous TJ (°C)
Electromigration Fail Mode
Notes
1. See datasheet for absolute maximum and minimum recommended operating conditions.
2. Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package
interconnect life).
www.ti.com
SBOS514 – MARCH 2010
ELECTRICAL CHARACTERISTICS: VS = +1.8 V to +5.5 V (continued)
At TA = +25°C, RL = 10kΩ, VREF = VS/2, and G = 1, unless otherwise noted.
TA = –55°C to +125°C
TA = +210°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
G = 1
VSTEP = 4 V
60
55
ms
G = 100
VSTEP = 4 V
500
530
ms
Overload recovery
50% overdrive
52
28
ms
REFERENCE INPUT
RIN
300
300
k
Ω
Voltage range
V–
V+
V–
V+
V
POWER SUPPLY
Voltage range
Single
+1.8
+5.5
+1.8
+5.5
V
Dual
±0.9
±2.75
±0.9
±2.75
V
Quiescent current
IQ
VIN = VS/2
50
75
mA
vs Temperature
80
198
345
mA
TEMPERATURE RANGE
Specified temperature
–55
+125
–55
+210
°C
range
Operating temperature
–55
+125
–55
+210
°C
range
Figure 1. INA333SKGD1 Operating Life Derating Chart
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com