Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333-HT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA333-HT
Description  Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333-HT Datasheet(HTML) 1 Page - Texas Instruments

  INA333-HT Datasheet HTML 1Page - Texas Instruments INA333-HT Datasheet HTML 2Page - Texas Instruments INA333-HT Datasheet HTML 3Page - Texas Instruments INA333-HT Datasheet HTML 4Page - Texas Instruments INA333-HT Datasheet HTML 5Page - Texas Instruments INA333-HT Datasheet HTML 6Page - Texas Instruments INA333-HT Datasheet HTML 7Page - Texas Instruments INA333-HT Datasheet HTML 8Page - Texas Instruments INA333-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
INA333-HT
www.ti.com
SBOS514 – MARCH 2010
Micro-Power, Zerø-Drift, Rail-to-Rail Out
Instrumentation Amplifier
Check for Samples: INA333-HT
1
FEATURES
SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
2
•
Low Offset Voltage: 25 mV (max at 25°C),
•
Controlled Baseline
G
≥ 100
•
One Assembly/Test Site
•
Low Drift: 0.2 mV/°C, G ≥ 1000
•
One Fabrication Site
•
Low Noise: 55 nV/
√Hz, G ≥ 100
•
Available in Extreme (–55°C/210°C)
•
High CMRR: 100 dB (min at 25°C), G
≥ 10
Temperature Range(1)
•
Supply Range: +1.8 V to +5.5 V
•
Extended Product Life Cycle
•
Input Voltage: (V–) +0.1 V to (V+) –0.1 V
•
Extended Product-Change Notification
•
Output Range: (V–) +0.05 V to (V+) –0.05V
•
Product Traceability
•
Low Quiescent Current: 198 mA
•
Texas Instruments' high temperature products
utilize highly optimized silicon (die) solutions
•
RFI Filtered Inputs
with design and process enhancements to
maximize performance over extended
APPLICATIONS
temperatures.
•
Down-Hole Drilling
•
High Temperature Environments
(1)
Custom temperature ranges available
DESCRIPTION
The INA333 is a low-power, precision instrumentation amplifier offering excellent accuracy. The versatile 3-op
amp design, small size, and low power make it ideal for a wide range of portable applications.
A single external resistor sets any gain from 1 to 1000. The INA333 is designed to use an industry-standard gain
equation: G = 1 + (100k
Ω/RG).
The INA333 provides very low offset voltage (25 mV at 25°C, G ≥ 100), excellent offset voltage drift (0.2 mV/°C,
G
≥ 100), and high common-mode rejection (100 dB at 25°C, G ≥ 10). It operates with power supplies as low as
1.8 V (±0.9V), and quiescent current is only 50 mA—ideal for battery-operated systems. Using autocalibration
techniques to ensure excellent precision over the extended industrial temperature range, the INA333 also offers
exceptionally low noise density (55 nV/
√Hz) that extends down to dc.
The INA333 is is specified over the TA = –55°C to +210°C temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA333-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI2-INA333-HT Datasheet
581Kb / 27P
Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
REVISED OCTOBER 2013
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
More results

Similar Description - INA333-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333 TI-INA333 Datasheet
651Kb / 23P
Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_1 Datasheet
652Kb / 23P
Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_2 Datasheet
875Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_3 Datasheet
762Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333_12 Datasheet
860Kb / 26P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out
INA333 TI-INA333_15 Datasheet
827Kb / 27P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA317 TI1-INA317 Datasheet
561Kb / 31P
Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com