Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333-HT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA333-HT
Description  Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333-HT Datasheet(HTML) 2 Page - Texas Instruments

  INA333-HT Datasheet HTML 1Page - Texas Instruments INA333-HT Datasheet HTML 2Page - Texas Instruments INA333-HT Datasheet HTML 3Page - Texas Instruments INA333-HT Datasheet HTML 4Page - Texas Instruments INA333-HT Datasheet HTML 5Page - Texas Instruments INA333-HT Datasheet HTML 6Page - Texas Instruments INA333-HT Datasheet HTML 7Page - Texas Instruments INA333-HT Datasheet HTML 8Page - Texas Instruments INA333-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
50kW
150kW
150kW
A
1
A
3
V
OUT
V
IN-
6
REF
5
RFIFilteredInputs
2
V+
7
V-
4
1
8
150kW
150kW
50kW
A
2
V
IN+
RFIFilteredInputs
3
INA333
R
G
G=1+
100kW
R
G
RFIFilteredInputs
RFIFilteredInputs
SBOS514 – MARCH 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
KGD
INA333SKGD1
NA
–55°C to 210°C
JD
INA333SJD
INA333SJD
HKJ
INA333SHKJ
INA333SHKJ
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packaging quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
INA333
UNIT
Supply voltage
+7
V
Analog input voltage range(2)
(V–) – 0.3 to (V+) + 0.3
V
Output short-circuit(3)
Continuous
Operating temperature range, TA
–55 to +210
°C
Storage temperature range, TSTG
–65 to +210
°C
Junction temperature, TJ
+210
°C
Human body model (HBM)
4000
V
ESD rating
Charged device model (CDM)
1000
V
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com