Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0834 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM0834
Description  8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM0834 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM0834 Datasheet HTML 5Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 6Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 7Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 8Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 9Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 10Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 11Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 12Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Wolfson Microelectronics
9
WM0834, WM0838
WM0834
Pin
Name
Type
Function
1
NC
No connection
2
CS
Digital
Chip Select
(active low)
3
CH0
Analogue input Channel 0 input
to multiplexer (MUX)
4
CH1
Analogue input Channel 1 input
to multiplexer (MUX)
5
CH2
Analogue input Channel 2 input
to multiplexer (MUX)
6
CH3
Analogue input Channel 3 input
to multiplexer (MUX)
7
DGND
Supply
Digital ground pin
8
AGND
Supply
Analogue ground pin
9VREF
Analogue input Voltage reference
input
10
DO
Digital output
Data output
11
SARS
Digital output
Successive
approximation
registar status line
12
CLK
Digital input
Clock input
13
DI
Digital input
Data input
14
VCC
Supply
Positive supply
voltage
Pin Descriptions
WM0832
Pin
Name
Type
Function
1
CH0
Analogue input
Channel 0 input
to multiplexer (MUX)
2
CH1
Analogue input
Channel 1 input to
multiplexer (MUX)
3
CH2
Analogue input
Channel 2 input to
multiplexer (MUX)
4
CH3
Analogue input
Channel 3 input to
multiplexer (MUX)
5
CH4
Analogue input
Channel 4 input to
multiplexer (MUX)
6
CH5
Analogue input
Channel 5 input to
multiplexer (MUX)
7
CH6
Analogue input
Channel 6 input to
multiplexer (MUX)
8
CH7
Analogue input
Channel 7 input to
multiplexer (MUX)
9
COM
Analogue input
Common input for
pseudo differential
mode
10
DGND
Supply
Digital ground pin
11
AGND
Supply
Analogue ground pin
12
VREF
Analogue input
Voltage reference
input
13
SE
Digital input
Shift enable control
line (active low)
14
DO
Digital output
Data Output
15
SARS
Digital output
Successive
approximation
register status line
output
16
CLK
Digital input
Clock input
17
DI
Digital input
Data input
18
CS
Digital
Chip Select
(active low)
19
NC
No connection
20
VCC
Supply
Positive supply
voltage
Multiplexer / Package Options
Device
Number of Analogue Channels
Number of
No
Single Ended
Differential
Package Pins
WM0834
4
2
14
WM0838
8
4
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com