Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0834 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM0834
Description  8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM0834 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM0834 Datasheet HTML 1Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 2Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 3Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 4Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 5Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 6Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 7Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 8Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Block Diagram
Lutton Court, Bernard Terrace, Edinburgh EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
email: admin@wolfson.co.uk
www: http://www.wolfson.co.uk
Wolfson Microelectronics
Production Data data sheets contain
final
specifications current on publication date. Supply
of products conforms to Wolfson Microelectronics
standard terms and conditions.
© 1996 Wolfson Microelectronics
WM0834, WM0838
Production Data
Sept 1996 Rev 2.0
8-Bit ADCs with Serial Interface and
Configurable Input Multiplexer
Description
WM0834 and WM0838 are 8-bit analogue to digital
converters (ADC) with configurable 4-input and 8-input
multiplexers respectively and a serial I/O interface.
Assignment of the multiplexer inputs is configured before
each conversion via the serial data input to give single-ended
or differential operation for the selected inputs. A mixture of
input configurations can be used in the same application.
WM0838 also has a pseudo-differential configuration where
all 8 inputs can be refered to a common input at an arbitrary
voltage.
Serial communcation with WM0834/8 is via Data In (DI) and
Data Out (DO) wires under the control of clock and chip
select inputs. A high output at the SARS pin indicates when
the conversion is in progress. To initiate a conversion chip
enable is held low and data is input to DI on the rising edge
of the clock, comprising, a start bit, and bits to set up the
input configuration and polarity. After a half clock cycle delay
conversion results appear at DO on the falling edge of the
clock, MSB first, concurrently with A-D conversion. This is
followed by the results LSB first, indicated by the falling edge
of SARS. WM0838 has a shift enable (SE) input used to
control the LSB first output on DO.
WM0834/8 operate on 5V and 3.3V supply voltages and
are available in small outline and DIP packages for com-
mercial (0 to 70OC) and industrial (-40 to 85OC) tempera-
ture ranges.
Features
•
Functionally Equivalent to National Semiconduc-
tor ADC0834 and ADC0838 without the Internal
Zener Regulator Network
•
4-input (WM0834) or 8-input (WM0838) MUX
options
•
Reference input operates ratiometrically or with
a fixed reference
•
Input range 0 to Vcc with Vcc Reference
•
5V and 3.3V variants
•
Total Unadjusted Error: ± 1 LSB
•
8-bit resolution
•
Low Power
•
32
µµµµµs conversion time at fclock = 250 kHz
•
Serial I/O interface
•
WM0834 packages: 14 pin SO & DIP
WM0838 packages: 20 pin wide-body SO & DIP
Applications
•
Embedding with remote sensors
•
Equipment health monitoring
•
Automotive
•
Industrial control
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
1
AGND
VREF
DI
CLK
CS
Notes:
1. Internally tied to AGND for WM0834
2. Not available on WM0834
WM0834
4 Inputs
WM0838
8 Inputs
DO
SARS
DGND
SE
2
Vcc
Input
MUX
Output Shift
Register
Comparator
Start Conv
Mux Select
WM0834/8
DAC
&
SAR
Logic
Input Latch
Internal CS


Similar Part No. - WM0834

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM0831 WOLFSON-WM0831 Datasheet
535Kb / 14P
8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831CD WOLFSON-WM0831CD Datasheet
535Kb / 14P
8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831CP WOLFSON-WM0831CP Datasheet
535Kb / 14P
8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831ID WOLFSON-WM0831ID Datasheet
535Kb / 14P
8-Bit ADCs with Serial Interface and Differential or Dual Inputs
WM0831IP WOLFSON-WM0831IP Datasheet
535Kb / 14P
8-Bit ADCs with Serial Interface and Differential or Dual Inputs
More results

Similar Description - WM0834

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM0831 WOLFSON-WM0831 Datasheet
535Kb / 14P
8-Bit ADCs with Serial Interface and Differential or Dual Inputs
logo
Linear Technology
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
8-Channel Analog Multiplexer with Serial Interface
LTC1391 LINER-LTC1391 Datasheet
159Kb / 9P
8-Channel Analog Multiplexer with Cascadable Serial Interface
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Linear Technology
LTC1391 LINER-LTC1391_1 Datasheet
180Kb / 12P
8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
8-Channel Analog Multiplexer with Serial Interface
LTC1391 LINER-LTC1391_15 Datasheet
186Kb / 12P
8-Channel Analog Multiplexer with Cascadable Serial Interface
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com