Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0834 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM0834
Description  8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM0834 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM0834 Datasheet HTML 1Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 2Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 3Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 4Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 5Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 6Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 7Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 8Page - Wolfson Microelectronics plc WM0834 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Wolfson Microelectronics
2
WM0834, WM0838
Ordering Information
Pin Configuration
Top View
WM0834 : N(DIP) and D (SO) packages
WM0838: N(DIP) and DW (SO) packages
DEVICE
TEMP. RANGE
PACKAGE
WM0834CN
0oC to 70oC
14 pin plastic DIP
WM0834CD
0oC to 70oC
14 pin plastic SO
WM0834IN
-40oC to 85oC
14 pin plastic DIP
WM0834ID
-40oC to 85oC
14 pin plastic SO
WM0838CN
0oC to 70oC
20 pin plastic DIP
WM0838CDW
0oC to 70oC
20 pin plastic SO
WM0838IN
-40oC to 85oC
20 pin plastic DIP
WM0838IDW
-40oC to 85oC
20 pin plastic SO
WM0834
WM0838
Absolute Maximum Ratings (note 1)
Supply Voltage, Vcc (note 2) . . . . . . . . . . . 6.5 V
Input voltage range:
Digital Inputs . . . .
GND - 0.3 V, VCC + 0.3 V
Analogue inputs . . . GND - 0.3 V, VCC + 0.3 V
Input current, any pin (note 3) . . . . . .
± 5 mA
Total Input current for package . . . . . .
± 20 mA
Operating temperature range, TA . . . . TMIN to TMAX
WM083_C_ (C suffix) . . . . . . . . .
0oC to +70oC
WM083_I_ (I suffix) . . . . . . . . . . -40oC to +85oC
Storage Temperature . . . . . . . . - 65oC to +150oC
Soldering Information:
Lead Temperature 1.6 mm (1/16) from case
for 10 seconds: D, DW or N package . . . . . . . 260oC
Recommended Operating Conditions (5V)
SYMBOL
MIN
NOMINAL
MAX
UNIT
Supply voltage
VCC
4.5
5
5.5
V
High level input voltage
VIH
2V
Low level input voltage
VIL
0.8
V
Clock frequency
fclock
10
600
KHz
Clock duty cycle (see Note 4)
Dclk
40
60
%
Pulse duration CS high
twH(CS)
220
ns
Operating free-air temperature
C suffix
TA
070
oC
I Suffix
TA
-40
85
DEVICE
TEMP. RANGE
PACKAGE
WM0834LCN
0oC to 70oC
14 pin plastic DIP
WM0834LCD
0oC to 70oC
14 pin plastic SO
WM0834LIN
-40oC to 85oC
14 pin plastic DIP
WM0834LID
-40oC to 85oC
14 pin plastic SO
WM0838LCN
0oC to 70oC
20 pin plastic DIP
WM0838LCDW
0oC to 70oC
20 pin plastic SO
WM0838LIN
-40oC to 85oC
20 pin plastic DIP
WM0838LIDW
-40oC to 85oC
20 pin plastic SO
5V devices
3.3V devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com