Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331CDT/V Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM2331CDT/V
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331CDT/V Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM2331CDT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
WM2331
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
16
After power up, the clamp reference voltage is the voltage supplied on the CLAMPIN pin. However, it
can also be generated by the on-chip 10-bit clamp level DAC by suitably programming the WM2331
clamp and control registers (see Digital Control Registers, below).
Clamp design for minimum acquisition time and droop is discussed in Applications Information.
CLAMP DAC OUTPUT VOLTAGE RANGE AND LIMITS
Important: When using the internal clamp DAC in Top/Bottom or Centre Span Mode, the user must
ensure that the desired DC clamp level at AIN lies within the voltage range REFBF to REFTF. This is
because the clamp DAC voltage is constrained to lie within this range REFBF to REFTF. Specifically:
VDAC
= REFBF + (REFTF
íÃS@A7AÃ× (0.006 + 0.988×(DAC code)/1024)
DAC codes can range from 0 to 1023. Figure 18 shows the clamp DAC output voltage versus the
DAC code.
VDAC
DAC
code
0
1023
VREFBF + 0.987(VREFTF-VREFBF)
VREFBF
VREFTF
VREFBF + 0.006(VREFTF-VREFBF)
Figure 18 Clamp DAC Output Voltage versus DAC Register Code Value
If the desired DC level at AIN does not lie within the range REFTF to REFBF, then either:
•
the CLAMPIN pin can be used instead to provide a suitable reference voltage or
•
it may be possible to re-design the application to move the AIN input range into the
CLAMP DAC voltage range. This is achieved in both Top/Bottom and Centre Span
Modes by shifting both REFTS and REFBS up or down by the voltage through which
the AIN input range is to be moved.
POWER MANAGEMENT
In power-sensitive applications (such as battery-powered systems) where the WM2331 ADC is not
required to convert continuously, power can be saved between conversion intervals by placing the
WM2331 into Power Down mode. This is achieved by setting bit 3 (PDWN) of the control register to
1. In Power Down mode, the device typically consumes less than 3mW of power. Power down mode
is exited by resetting control register bit 3 to 0. On power up from long periods of power down, the
WM2331 typically requires 5ms of wake up time before valid conversion results are available.
In systems where the ADC must run continuously, but where the clamp is not required, the supply
current can be reduced by approximately 1.2mA by setting the control register bit 6 (CLDIS), which
disables the clamp circuit. Similarly, when REFSENSE is tied to AVDD, the reference generator is
disabled and supply current reduced by approximately 1.2mA.
OUTPUT FORMAT AND DIGITAL I/O
While the OEB pin is held low, ADC conversion results are output at the data I/O pins DIO0 (LSB) to
DIO9 (MSB). The default output data format is unsigned binary (output codes 0 to 1023). This can be
switched to two’s complement format (output codes -512 to 511) by setting control register bit 5
(TWOC) to 1.
WRITING TO THE INTERNAL REGISTERS THROUGH THE DIGITAL I/O BUS
Pulling the OEB pin high disables the data and out-of-range indicator (OVR) pins’ output drivers,
setting the driver outputs to a high impedance state. This allows control register data to be loaded
into the WM2331 by presenting it on the DIO0 to DIO9 pins and pulsing the WR pin high to latch the
data into the chosen control or DAC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com