Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331CDT/V Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM2331CDT/V
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331CDT/V Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM2331CDT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
WM2331
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
20
AIN INPUT DAMPING
The charging current pulses into AIN can make the signal source jump or ring, especially if the
source is slightly inductive at high frequencies. Inserting a small series resistor of 20
Ω or less in the
input path can damp source ringing (see Figure 22). The resistor can be made larger than 20
Ω if
reduced input bandwidth or distortion performance is acceptable.
AIN
V
S
< 20R
Figure 22 Damping Source Ringing Using a Small Resistor
DRIVING THE SAMPLE & HOLD REFERENCE INPUTS
The sample and hold reference inputs (connected to pins REFTS and REFBS) present switched-
capacitor loads similar to the AIN pin, but with smaller capacitors (see Figure 23 below). Note that in
Top/Bottom mode, the internal reference buffer is also driven from REFTS and REFBS and the total
load on these pins is therefore the parallel combination of the sample and hold circuit and the
reference buffer.
REFTS
or
REFBS
AVDD
AGND
Mode = AVDD
V
LAST
C
P1
Internal
Reference
Buffer
CLK
CLK
C
Sample
0.6pF
+
-
C
P2 = 0.6pF
7pF
Figure 23 Equivalent Circuit of REFTS and REFBS Sample & Hold Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com