Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331CDT/V Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM2331CDT/V
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331CDT/V Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM2331CDT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM2331CDT/V Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
WM2331
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
18
REGISTER
BIT NO
BIT NAME(S)
DEFAULT
DESCRIPTION
Clamp Register 1
DIO[9:8] = 00
7:0
DAC[7:0]
0
Clamp DAC voltage
(DAC[0] = LSB.)
DAC[9:0] = 00h: Clamp voltage = REFBF
DAC[9:0] = 3Fh: Clamp voltage = REFTF
7:2
Unused
Clamp Register 2
DIO[9:8] = 01
1:0
DAC[9:8]
01
Clamp DAC voltage
(DAC[9] = MSB)
2:0
PGA[2:0]
001
PGA gain:
000 = 0.5
001 = 1.0
010 = 1.5
011 = 2.0
100 = 2.5
101 = 3.0
110 = 3.5
111 = 4.0
3PDWN
0
Power down
0 = WM2331 powered up
1 = WM2331 powered down
4CLINT
0
Clamp voltage internal/external
0 = external analogue clamp voltage from CLAMPIN pin.
1 = from on-chip DAC (see Clamp Register)
5TWOC
0
Output format
0 = unsigned binary
1 = two’s complement
6CLDIS
0
Clamp Amplifier Disable (for power saving)
0 = Enable
1 = Disable
Control Register
DIO[9:8] = 10
7
Unused
Table 4 Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com