Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331IDT/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM2331IDT/V
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331IDT/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM2331IDT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Production Data
WM2331
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
15
INTERNAL
REFERENCE
BUFFER
1µF
tantalum
0.1µF
V
REF = 1 + (RA/RB)
REFSENSE
AGND
VBG
–
–
+
+
R
B
R
A
MODE =
AVDD/2
Figure 15 ORG Operating with External Divider (for Intermediate Reference Voltages)
DC CLAMP
AIN
CLAMPIN
CLAMP
SW1
CONTROL
REGISTER
S/H
R
IN
C
IN
+
-
10-bit
DAC
Vclamp
Vin
Figure 16 Schematic of Clamp Circuitry
The WM2331 provides a clamp function for restoring the DC reference level of AC coupled input
signals. Figure 17 shows an example of using the clamp to restore the black level of a composite
video input AC coupled to AIN. While the clamp pin is held high, the clamp amplifier forces the
voltage at AIN to equal the clamp reference voltage, setting the DC voltage at AIN for the video black
level.
VIDEO AT AIN
CLAMP
Line sync
Black
level
Figure 17 Example Waveforms for Line-Clamping to a Video Input Black Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com