Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331IDT/V Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM2331IDT/V
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331IDT/V Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM2331IDT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Production Data
WM2331
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
19
APPLICATIONS INFORMATION
DRIVING THE CLOCK INPUT
Obtaining good performance from the WM2331 requires care when driving the clock input.
Different sections of the Sample-and-Hold and ADC operate while the clock is low or high. The user
should ensure that the clock duty cycle remains near 50% to ensure that all internal circuits have as
much time as possible in which to operate.
The CLK pin should also be driven from a low jitter source for best dynamic performance. To
maintain low jitter at the CLK input, any clock buffers external to the WM2331 should have fast rising
edges. Use a fast logic family such as AC or ACT to drive the CLK pin, and consider powering any
clock buffers separately from any other logic on the PCB to prevent digital supply noise appearing on
the buffered clock edges as jitter.
As the CLK input threshold is nominally around AVDD/2, any clock buffers need to have an
appropriate supply voltage to drive above and below this level.
DRIVING THE SAMPLE AND HOLD INPUTS
DRIVING THE AIN PIN
Figure 20 shows an equivalent circuit for the WM2331 AIN pin. The load presented to the system at
the AIN pin comprises the switched input sampling capacitor, CSample, and various stray
capacitances, CP1 and CP2.
V
LAST
AIN
AVDD
AGND
CLK
CLK
C
P1
C
Sample
1.2pF
+
-
C
P2 = 1.2pF
8pF
Figure 20 Equivalent Circuit for Analogue Input Pin AIN
The input current pulses required to charge CSample can be time averaged and the switched capacitor
circuit modelled as an equivalent resistor
CLK
S
IN
f
C
R
×
=
1
2
where CS is the sum of CSample and CP2 (see Figure 21). This model can be used to estimate the
input loading versus source resistance for high impedance sources.
V
M = (REFTS + REFBS) /2
AIN
AVDD
AGND
+
-
R
IN2 = 1 / CS fCLK
C
P1 = 8pF
I
IN
Figure 21 Equivalent Circuit for the AIN Switched Capacitor Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com