Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331IDT/V Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM2331IDT/V
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331IDT/V Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM2331IDT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM2331IDT/V Datasheet HTML 25Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Production Data
WM2331
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
23
D
IN
IN
DROOP
t
C
I
V
×


≈
(approx.)
Worst case droop between clamping intervals occurs for maximum input bias current. Maximum
input current is IINFS, which occurs when the input level is at its maximum or minimum.
For example, at 30 MSPS IINFS is approximately 40
µA for a 2V input range at AIN (see ‘Driving the
Sample and Hold Reference Inputs, above, to calculate IIN). Note that IINFS may vary from this by
±
30% because of processing variations and voltage dependencies. Designs should allow for this
variation. If the time tD
Ãir‡rrÃpyh€ƒvtÃv‡r…‰hy†Ãv†Ã%"$ †ÃhqÃ8INÃv†Ã AÇurÃ‡urÀh‘v€ˆ€Ãpyh€ƒ
level droop between clamp pulses is
VDROOP = 40
µ6Ãà AÃ×Ã%"$ †Ã2Ã!$€WÃhƒƒ…‚‘
= 1.25LSB at PGA gain=1, 2V ADC references
If this droop is greater than can be tolerated in the application, then increase CIN to slow the droop
and hence reduce the voltage change between clamp pulses.
If a high leakage capacitor is used for coupling the input source to the AIN pin then the droop may be
significantly worse than calculated above. Avoid using electrolytic and tantalum coupling capacitors
as these have higher leakage currents than non-polarised capacitor types. Electrolytic and tantalum
capacitors also tend to have higher parasitic inductance, which can cause problems at high input
frequencies.
STEADY-STATE CLAMP VOLTAGE ERROR
During the clamp pulse (CLAMP = HIGH), the DC voltage on AIN is refreshed from the clamp
voltage. Provided that droop is not excessive, clamping fully reverses the effect of droop. However,
using very short clamp pulses with long intervals between pulses (tD) can result in a steady-state
voltage difference, VCOS, between the DC voltage at AIN and Vclamp.
Figure 27 shows the approximate voltage waveform at AIN resulting from a a large clamp droop
during tD and clamp voltage re-acquisition during the clamp pulse time, tC.
Vclamp
VM
V
tc
td
V
DROOP
=
V
AIN
∆
AIN
V
COS
Figure 27 Approximate Waveforms at AIN During Droop and Clamping
The voltage change at AIN during acquisition has been approximated as a linear charging ramp by
assuming that almost all of VCOS appears across RIN, giving a charging current VCOS/RIN (this is a
reasonable approximation when VCOS is large enough to be of concern). The voltage change at AIN
during clamp acquisition is then
IN
IN
D
COS
AIN
C
R
t
V
V
×
×
=
∆
The peak-to-peak voltage variation at AIN must equal the clamp droop voltage at steady state.
Equating the droop voltage to the clamp acquisition voltage change gives
C
D
IN
IN
COS
t
t
I
R
V
×
×
=
Thus for low offset voltage, keep RIN low, design for low droop and ensure that the ratio tD/tC is not
unreasonably large.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com