Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2633 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM2633
Description  Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2633 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM2633 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Production Data
WM2633
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 July 1999
5
Test Characteristics:
RL = 10k
Ω, CL = 100pF AVDD = DVDD = 5V
± 10%, V
REF = 2.048V and AVDD = DVDD = 3V
± 10%, V
REF = 1.024V over
recommended operating free-air temperature range (unless noted otherwise).
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Glitch energy
Code 2047 to code 2048
5
nV-s
Signal to noise ratio
SNR
fS = 480ksps,
fOUT = 1kHz BW = 20kHz,
TA=25
°C See Note 12
73
78
dB
Signal to noise and distortion ratio
SNRD
fS = 480ksps,
fOUT = 1kHz BW = 20kHz,
TA=25
°C See Note 12
61
67
dB
Total harmonic distortion
THD
fS = 480ksps,
fOUT = 1kHz BW = 20kHz,
TA=25
°C See Note 12
-69
-62
dB
Spurious free dynamic range
SPFDR
fS = 480ksps,
fOUT = 1kHz BW = 20kHz, TA =
25
°C See Note 12
63
74
dB
Reference Configured as Input
Reference input resistance
RREF
10
M
Ω
Reference input capacitance
CREF
55
pF
Reference feedthrough
VREF=1VPP at 1kHz
+ 1.024V d.c., DAC code 0
-60
dB
Reference input bandwidth
VREF= 0.2VPP + 1.024V d.c.
DAC code 2048
Slow
Fast
500
900
kHz
kHz
Reference Configured as Output
Low reference voltage
VREFOUTL
1.003
1.024
1.045
V
High reference voltage
VREFOUTH
VDD > 4.75V
2.027
2.048
2.069
V
Output source current
IREFSRC
1mA
Output sink current
IREFSNK
-1
mA
Load Capacitance
100
pF
PSRR
-48
dB
Digital Inputs
High level input current
IIH
Input voltage = DVDD
1
µA
Low level input current
IIL
Input voltage = 0V
-1
µA
Input capacitance
CI
8pF
Notes:
1. Integral non-linearity (INL) is the maximum deviation of the output from the line between zero and full scale excluding
the effects of zero code and full scale errors).
2. Differential non-linearity (DNL) is the difference between the measured and ideal 1LSB amplitude change
of any adjacent two codes. A guarantee of monotonicity means the output voltage changes in the same
direction (or remains constant) as a change in digital input code.
3. Zero code error is the voltage output when the DAC input code is zero.
4. Gain error is the deviation from the ideal full scale output excluding the effects of zero code error.
5. Power supply rejection ratio is measured by varying AVDD from 4.5V to 5.5V and measuring the
proportion of this signal imposed on the zero code error and the gain error.
6. Zero code error and Gain error temperature coefficients are normalised to full scale voltage.
7. Output load regulation is the difference between the output voltage at full scale with a 10k
Ω load and 2kΩ
load. It is expressed as a percentage of the full scale output voltage with a 10k
Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com