Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2633 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2633
Description  Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2633 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2633 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
WM2633
Byte-wide Parallel Input, 12-bit Voltage Output DAC
with Internal Reference
Production Data, July 1999, Rev 1.0
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data contain final specifications
current on publication date. Supply of
products conforms to Wolfson
Microelectronics’ Terms and conditions.
masterrev1.0.doc 07/15/99 3:52
1999 Wolfson Microelectronics Ltd
.
FEATURES
• 12-bit voltage output DAC
• Dual supply 2.7V to 5.5V operation
• DNL ±0.3 LSBs, INL ±1.2 LSBs
• Internal programmable voltage reference
• Programmable settling time
• 8-bit micro controller compatible interface
• Power down mode (10nA)
APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated/remote industrial controls
• Machine and motion control devices
• Wireless telephone and communication systems
• Speech synthesis
• Arbitrary waveform generation
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2633CDT
0
° to 70°C
20-pin TSSOP
WM2633IDT
-40
° to 85°C
20-pin TSSOP
DESCRIPTION
The WM2633 is a 12-bit voltage output, resistor string, digital-
to-analogue converter. A hardware controlled power down mode
is provided that reduces current consumption to 10nA. The
WM2633 features an internal programmable voltage reference
simplifying overall system design. A reference voltage may also
be supplied externally.
The device has an 8-bit microcontroller compatible parallel
interface. The eight data LSBs, the four data MSBs, and the five
control bits are written using three different addresses.
Excellent performance is delivered with a typical DNL of 0.3
LSBs and a typical INL of 1.2 LSBs. The output stage is
buffered by a x2 gain near rail-to-rail amplifier, which features a
Class A output stage (slow mode, Class AB). The settling time
of the DAC is software or pin programmable to allow the
designer to optimise speed versus power dissipation.
The
device
is
available
in
a
20-pin
TSSOP
package.
Commercial
temperature
(0°
to
70°C)
and
Industrial
temperature (-40° to 85°C) variants are supported.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
(13) OUT
D[0-7]
(19,20, 1-6)
3-BIT
CONTROL
LATCH
REF(12)
POWER-ON
RESET
NWE (17)
(14)
GND
REFERENCE
INPUT BUFFER
WM2633
DAC
OUTPUT
BUFFER
NCS (18)
A[0-1] (8, 7)
4-BIT DAC
MSW
HOLDING
LATCH
8-BIT DAC
LSW
HOLDING
LATCH
X1
POWERDOWN/
SPEED
CONTROL
X2
(16)
NLDAC
PARALLEL
INTERFACE
AND
CONTROL
LOGIC
SPD (9)
NPD (15)
12-BIT DAC
LATCH
DVDD
(10)
AVDD
(11)
2-BIT
REFERENCE
SELECT
LATCH
1.024V/2.048V
SELECTABLE
REFERENCE
X1
REFERENCE
OUTPUT BUFFER
WITH OUPUT
ENABLE
AVDD = DVDD 5V, VREF = External. 2.048V, Speed = Fast mode, Load = 10k/100pF
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2559
3071
3583
4095
DIGITAL CODE


Similar Part No. - WM2633

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630CDT WOLFSON-WM2630CDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630IDT WOLFSON-WM2630IDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631CDT WOLFSON-WM2631CDT Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
More results

Similar Description - WM2633

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
12-bit Parallel Input Voltage Output DAC
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Maxim Integrated Produc...
MAX5650 MAXIM-MAX5650 Datasheet
283Kb / 14P
16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
Rev 0; 2/06
logo
Texas Instruments
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com