Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2633 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM2633
Description  Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2633 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM2633 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
WM2633
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 July 1999
2
PIN CONFIGURATION
9
10
SPD
DVDD
12
11
REF
AVDD
20
13
14
15
16
17
18
19
D1
AGND
NPD
NLDAC
NWE
NCS
D0
OUT
8
1
2
3
4
5
6
7
A0
D3
D4
D5
D6
D7
A1
D2
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
D2
Digital input
Data input.
2
D3
Digital input
Data input.
3
D4
Digital input
Data input.
4
D5
Digital input
Data input.
5
D6
Digital input
Data input.
6
D7
Digital input
Data input.
7
A1
Digital input
Address input.
8
A0
Digital input
Address input.
9
SPD
Digital input
Speed select. Digital input.
10
DVDD
Supply
Digital positive power supply.
11
AVDD
Supply
Analogue positive power supply.
12
REF
Analogue I/O
Analogue reference voltage input/output.
13
OUT
Analogue output
DAC analogue voltage output.
14
GND
Supply
Ground.
15
NPD
Digital input
Power down. Active low digital input which powers down all analogue
circuits.
16
NLDAC
Digital input
Load DAC. Digital input active low. NLDAC must be taken low to update
the DAC latch from the holding latches.
17
NWE
Digital input
Write enable. Digital input active low.
18
NCS
Digital input
Chip select. Digital input active low.
19
D0
Digital input
Data input.
20
D1
Digital input
Data input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com