Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2636 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM2636
Description  12-bit Serial Input Voltage Output DAC with Internal Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2636 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM2636 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
WM2636
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 July 1999
7
DEVICE DESCRIPTION
GENERAL FUNCTION
The device uses a resistor string network buffered with an op amp to convert 12-bit digital data
to analogue voltage levels (see Block Diagram). The output voltage is determined by the
reference input voltage and the input code according to the following relationship:
Output voltage =
()
4096
CODE
V
2
REF
INPUT
OUTPUT
1111
1111
1111
()
4096
4095
V
2
REF
::
1000
0000
0001
()
4096
2049
V
2
REF
1000
0000
0000
()
REF
REF
V
4096
2048
V
2
=
0111
1111
1111
()
4096
2047
V
2
REF
::
0000
0000
0001
()
4096
1
V
2
REF
0000
0000
0000
0V
Table 1 Binary Code Table (0V to 2VREF Output), Gain = 2
POWER ON RESET
An internal power-on-reset circuit resets the DAC register to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably drive
a 2k
Ω load with a 100pF load capacitance.
SERIAL INTERFACE
Explanation of data transfer:
First, the device has to be enabled with NCS set to low. Then, a falling edge of FS starts
shifting the data bit-per-bit (starting with the MSB) to the internal register on the falling edges of
SCLK. After 16 bits have been transferred or FS rises, the content of the shift register is moved
to the DAC latch which updates the voltage output to the new level.
The serial interface of the device can be used in two basic modes:
•
four wire (with chip select)
•
three wire (without chip select)
Using chip select (four wire mode), it is possible to have more than one device connected to
the serial port of the data source (DSP or microcontroller). If there is no need to have more
than one device on the serial bus, then NCS can be tied low.
SERIAL CLOCK AND UPDATE RATE
Figure 1 shows the device timing. The maximum serial rate is:
fSCLKmax =
MHz
20
t
t
1
min
WCL
min
WCH
=
+
The digital update rate is limited to an 800ns period, or 1.25MHz frequency. However, the DAC
settling time to 12 bits limits the update rate for large input step transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com