Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2636 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2636
Description  12-bit Serial Input Voltage Output DAC with Internal Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2636 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2636 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
WM2636
12-bit Serial Input Voltage Output DAC
with Internal Reference
Production Data, July 1999, Rev 1.0
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data contain final specifications
current on publication date. Supply of
products conforms to Wolfson
Microelectronics’ Terms and Conditions.
1999 Wolfson Microelectronics Ltd
.
FEATURES
• 12-bit voltage output DAC
• Single supply from 2.7V to 5.5V
• DNL ±0.5 LSBs, INL ±2.0 LSBs
• Very low power consumption (3V supply):
-
4.2mW, slow mode
-
8.1mW, fast mode
• TMS320, (Q)SPI, and Microwire compatible serial
interface
• Programmable settling time of 3.5µs or 1µs typical
• High impedance reference input buffer
• Power down mode 10nA
APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated/remote industrial controls
• Machine and motion control devices
• Wireless telephone and communication systems
• Speech synthesis
• Arbitrary waveform generation
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2636CD
0° to 70°C
8-pin SOIC
WM2636ID
-40° to 85°C
8-pin SOIC
DESCRIPTION
The WM2636 is a 12-bit voltage output, resistor string digital-to-
analogue converter that can be powered down under software
control. Power down reduces current consumption to 10nA.
An internal precision voltage reference is provided which can
source up to 1mA. This can therefore be used as an external
system reference.
The device has been designed to interface efficiently to industry
standard microprocessors and DSPs, including the TMS320
family. The WM2636 is programmed with a 16-bit serial word
comprising 4 control bits and 12 data bits.
Excellent performance is delivered with a typical DNL of 0.5
LSBs. The settling time of the DAC is programmable to allow
the designer to optimize speed versus power dissipation. The
output stage is buffered by a x2 gain near rail-to-rail amplifier.
The device is available in an 8-pin SOIC package. Commercial
temperature (0
° to 70°C) and Industrial temperature (-40° to
85
°C) variants are supported.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
(7) OUT
12-BIT
DAC
LATCH
POWER-ON
RESET
DIN (1)
SCLK (2)
FS (4)
(5)
AGND
VDD
(8)
POWERDOWN/
SPEED
CONTROL
2-BIT
CONTROL
LATCH
REFERENCE INPUT
BUFFER
16-BIT
SHIFT
REGISTER
AND
CONTROL
LOGIC
data
X1
X2
DAC
OUTPUT
BUFFER
NCS (3)
2-BIT
REFERENCE
SELECT
LATCH
1.024V/2.048V
SELECTABLE
REFERENCE
X1
REFERENCE
OUTPUT BUFFER
WITH OUPUT
ENABLE
REF(6)
WM2636
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2559
3071
3583
4095
DIGITAL CODE
VDD = 5V, VREF = External, Speed = Fast mode, Load = 10k/100pF


Similar Part No. - WM2636

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630CDT WOLFSON-WM2630CDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630IDT WOLFSON-WM2630IDT Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631CDT WOLFSON-WM2631CDT Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
More results

Similar Description - WM2636

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
Dual 12-Bit Serial Input Voltage Output DAC
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2633 WOLFSON-WM2633 Datasheet
389Kb / 12P
Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
logo
Texas Instruments
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com