Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2636 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM2636
Description  12-bit Serial Input Voltage Output DAC with Internal Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2636 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM2636 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
WM2636
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 July 1999
8
SOFTWARE CONFIGURATION OPTIONS
The 16 bits of data can be transferred with the sequence shown in Table 2. D11-D0 contains
the 12-bit data word. D15-D12 hold the programmable options.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
R1
SPD PWR
R0
New DAC or control register value (12 bits)
Table 2 Serial Word Format
PROGRAMMABLE SETTLING TIME
Settling time is a software selectable 3.5
µs or 1µs, typical to within ±0.5LSB of final value. This
is controlled by the value of D14. A ONE defines a settling time of 1
µs, a ZERO defines a
settling time of 3.5
µs.
PROGRAMMABLE POWER DOWN
The power down function is controlled by D13. A ZERO configures the device as active, or fully
powered up, a ONE configures the device into power down mode. When the power down
function is released the device reverts to the DAC code set prior to power down.
REGISTER ADDRESSING
A separate internal control register is available. This is accessed from the register access bits
R1 (Bit D15) and R0 (Bit D12).
R1
(BIT D15)
R0
(BIT D12)
REGISTER
00
Write data to DAC
01
Reserved
10
Reserved
11
Write data to control register
Table 3 Register Access Control
The contents of the control register, shown below in Table 4, are used to program the internal
reference function.
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
x
x
X
x
xx
xx
x
X
REF1 REF0
Table 4 Control Register Contents
PROGRAMMABLE INTERNAL REFERENCE
The reference can be sourced internally or externally under software control. If an external
reference voltage is applied to the REF pin, the device must be configured to accept this.
If an external reference is selected, the reference voltage input is buffered which makes the
DAC input resistance independent of code. The REF pin has an input resistance of 10M
Ω and
an input capacitance of typically 55pF. The reference voltage determines the DAC full-scale
output.
If an internal reference is selected, a voltage of 1.024V or 2.048 is available. The internal
reference can source up to 1mA and can therefore be used as an external system reference.
REF1
REF0)
REGISTER
00
External
01
1.024V
10
2.048V
11
External
Table 5 Programmable Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com